Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5213 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5213
Description  Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5213 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5213 Datasheet HTML 1Page - Micrel Semiconductor MIC5213 Datasheet HTML 2Page - Micrel Semiconductor MIC5213 Datasheet HTML 3Page - Micrel Semiconductor MIC5213 Datasheet HTML 4Page - Micrel Semiconductor MIC5213 Datasheet HTML 5Page - Micrel Semiconductor MIC5213 Datasheet HTML 6Page - Micrel Semiconductor MIC5213 Datasheet HTML 7Page - Micrel Semiconductor MIC5213 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC5213
4
June 2000
MIC5213
Micrel
1
10
100
1000
0.01
0.1
1
10
100
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
C
IN = 10µF
C
OUT = 1µF
0
100
200
300
400
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Dropout Voltage
vs. Temperature
C
IN = 10µF
C
OUT = 1µF
I
L = 100µA
I
L = 1mA
I
L = 80mA
0
1
2
3
4
01234567
SUPPLY VOLTAGE (V)
Dropout
Characteristics
I
L = 80mA
I
L = 100µA
C
IN = 10µF
C
OUT = 1µF
0
500
1000
1500
2000
0
1020 304050607080
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
V
IN = VOUT + 1V
0.0
0.5
1.0
1.5
2.0
01234567
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
I
L = 50mA
I
L = 100µA
V
OUT = 3.3V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Ground Current
vs. Temperature
I
L = 50mA
I
L = 100µA
C
IN = 10µF
C
OUT = 1µF
I
L = 80mA
Typical Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
OUTPUT CURRENT (mA)
C
IN = 10µF
C
OUT = 1µF
Output Voltage
vs. Output Current
0
20
40
60
80
100
120
140
160
01234567
INPUT VOLTAGE (V)
Short Circuit Current
vs. Input Voltage
C
IN = 10µF
C
OUT = 1µF
-60
-40
-20
0
20
40
60
-50
0
50
100
-2
0
2
4
6
8 10 12 14 16
TIME (ms)
Thermal Regulation
(3.3V Version)
C
L = 1µF
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
C
IN = 10µF
C
OUT = 1µF
CURVES APPLICABLE
AT 100
µA AND 50mA
3 DEVICES
HI / AVG / LO
100
120
140
160
180
200
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Short Circuit Current
vs. Temperature
C
IN = 10µF
C
OUT = 1µF
3.3
3.4
3.5
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Minimum Supply Voltage
vs. Temperature
I
L = 1mA
V
OUT
= 3.3V
C
IN = 10µF
C
OUT = 1µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com