Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5236 Datasheet (PDF) - Micrel Semiconductor

MIC5236 Datasheet PDF - Micrel Semiconductor
Part # MIC5236
Download  MIC5236 Download
File Size   94.83 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Quiescent Current 關Cap LDO Regulator Preliminary Information

MIC5236 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5236 Datasheet PDF - Micrel Semiconductor

Part # MIC5236
Download  MIC5236 Click to download

File Size   94.83 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Quiescent Current 關Cap LDO Regulator Preliminary Information

MIC5236 Datasheet (HTML) - Micrel Semiconductor


MIC5236 Product details

General Description

The MIC5236 is a low quiescent current, µCap low-dropout regulator. With a maximum operating input voltage of 30V and a quiescent current of 20µA, it is ideal for supplying keep-alive power in systems with high-voltage batteries.

Capable of 150mA output, the MIC5236 has a dropout voltage of only 300mV. It can also survive an input transient of –20V to +60V.



Features

• Ultra-low quiescent current (IQ = 20µA @IO = 100µA)

• Wide input range: 2.3V to 30V

• Low dropout:

   230mV @50mA;

   300mV @150mA

• Fixed 2.5V, 3.0V, 3.3V, 5.0V, and Adjustable outputs

• ±1.0% initial output accuracy

• Stable with ceramic or tantalum output capacitor

• Load dump protection: –20V to +60V input transient survivability

• Logic compatible enable input

• Low output flag indicator

• Overcurrent protection

• Thermal shutdown

• Reverse-leakage protection

• Reverse-battery protection

• High-power SOIC-8 and MSOP-8



Applications

• Keep-alive supply in notebook and portable personal computers

• Logic supply from high-voltage batteries

• Automotive electronics

• Battery-powered systems



 




Similar Part No. - MIC5236

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5236-2.5BM MICREL-MIC5236-2.5BM Datasheet
250Kb / 12P
Low Quiescent Current 關Cap LDO Regulator
MIC5236-2.5BMM MICREL-MIC5236-2.5BMM Datasheet
250Kb / 12P
Low Quiescent Current 關Cap LDO Regulator
MIC5236-2.5YM MICREL-MIC5236-2.5YM Datasheet
250Kb / 12P
Low Quiescent Current 關Cap LDO Regulator
MIC5236-2.5YMM MICREL-MIC5236-2.5YMM Datasheet
250Kb / 12P
Low Quiescent Current 關Cap LDO Regulator
MIC5236-3.0BM MICREL-MIC5236-3.0BM Datasheet
250Kb / 12P
Low Quiescent Current 關Cap LDO Regulator
More results


Similar Description - MIC5236

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
Micropower 關Cap LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com