Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5236 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5236
Description  Low Quiescent Current 關Cap LDO Regulator Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5236 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5236 Datasheet HTML 1Page - Micrel Semiconductor MIC5236 Datasheet HTML 2Page - Micrel Semiconductor MIC5236 Datasheet HTML 3Page - Micrel Semiconductor MIC5236 Datasheet HTML 4Page - Micrel Semiconductor MIC5236 Datasheet HTML 5Page - Micrel Semiconductor MIC5236 Datasheet HTML 6Page - Micrel Semiconductor MIC5236 Datasheet HTML 7Page - Micrel Semiconductor MIC5236 Datasheet HTML 8Page - Micrel Semiconductor MIC5236 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC5236
Micrel
MIC5236
2
November 2000
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
1
/ERR
Error (Output): Open-collector output is active low when the output is out of
regulation due to insufficient input voltage or excessive load. An external
pull-up resistor is required.
1
ADJ
Adjustable Feedback Input. Connect to voltage divider network.
2
2
IN
Power supply input.
3
3
OUT
Regulated Output
4
4
EN
Enable (Input): Logic low = shutdown; logic high = enabled.
5–85–8
GND
Ground: Pins 5, 6, 7, and 8 are internally connected in common via the
leadframe.
Pin Configuration
1
IN
OUT
EN
8
GND
GND
GND
GND
7
6
5
2
3
4
ERR
8-Pin SOIC (M)
8-Pin MSOP (MM)
Ordering Information
Part Number *
Voltage
Junction Temp. Range
Package
MIC5236-5.0BM
5.0V
–40
°C to +125°C
8-lead SOIC
MIC5236-5.0BMM
5.0V
–40
°C to +125°C
8-lead MSOP
MIC5236-3.3BM
3.3V
–40
°C to +125°C
8-lead SOIC
MIC5236-3.3BMM
3.3V
–40
°C to +125°C
8-lead MSOP
MIC5236-3.0BM
3.0V
–40
°C to +125°C
8-lead SOIC
MIC5236-3.0BMM
3.0V
–40
°C to +125°C
8-lead MSOP
MIC5236-2.5BM
2.5V
–40
°C to +125°C
8-lead SOIC
MIC5236-2.5BMM
2.5V
–40
°C to +125°C
8-lead MSOP
MIC5236BM
ADJ
–40
°C to +125°C
8-lead SOIC
MIC5236BMM
ADJ
–40
°C to +125°C
8-lead MSOP
*Conta5ct factory regarding availablity for voltages not listed
1
IN
OUT
EN
8
GND
GND
GND
GND
7
6
5
2
3
4
ADJ
8-Pin SOIC (M)
8-Pin MSOP (MM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com