Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5231 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5231
Description  Micropower 關Cap LDO Regulator Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5231 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5231 Datasheet HTML 1Page - Micrel Semiconductor MIC5231 Datasheet HTML 2Page - Micrel Semiconductor MIC5231 Datasheet HTML 3Page - Micrel Semiconductor MIC5231 Datasheet HTML 4Page - Micrel Semiconductor MIC5231 Datasheet HTML 5Page - Micrel Semiconductor MIC5231 Datasheet HTML 6Page - Micrel Semiconductor MIC5231 Datasheet HTML 7Page - Micrel Semiconductor MIC5231 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC5231
2
June 2000
MIC5231
Micrel
Pin Description
Pin Number
Pin Name
Pin Function
1
EN
Enable (Input): Active high. Logic high = enable; logic low = shutdown. Do
not float.
2
GND
Ground
3
IN
Supply Input
4
OUT
Regulated Output
5
NC
not internally connected
Pin Configuration
Part
Identification
EN
NC
OUT
IN
LM50
1
3
45
2
GND
MIC5231-5.0BM5
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN) .................................... –0.6V to +14V
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
Storage Temperature (T
A) ....................... –60°C to +150°C
ESD, Note 3 .................................................................. 2kV
Operating Ratings (Note 2)
Input Voltage (V
IN) ........................................... 3.5V to 12V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Junction Temperature (T
J) ....................... –40°C to +125°C
Thermal Resistance, Note 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com