Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC29311 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC29311
Description  3A Fast-Response LDO Regulator for USB Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29311 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC29311 Datasheet HTML 1Page - Micrel Semiconductor MIC29311 Datasheet HTML 2Page - Micrel Semiconductor MIC29311 Datasheet HTML 3Page - Micrel Semiconductor MIC29311 Datasheet HTML 4Page - Micrel Semiconductor MIC29311 Datasheet HTML 5Page - Micrel Semiconductor MIC29311 Datasheet HTML 6Page - Micrel Semiconductor MIC29311 Datasheet HTML 7Page - Micrel Semiconductor MIC29311 Datasheet HTML 8Page - Micrel Semiconductor MIC29311 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC29311
Micrel
MIC29311
2
December 1998
Ordering Information
Part Number
Voltage
Temperature Range
Package
MIC29311-5.1BT
5.1V
0
°C to +125°C
TO-220-5
MIC29311-5.1BU
5.1V
0
°C to +125°C
TO-263-5
Pin Description
Pin Number
Pin Name
Pin Function
1
EN
Enable (Input): Logic-level high enable/logic-level low shutdown control.
2
IN
Unregulated Input: +16V maximum supply.
3, TAB
GND
Ground: Ground pin and TAB are internally connected.
4
OUT
Regulator Output
5
ERR
Error Flag (Output): Open-collector (active-low) output. Active low indicates
overcurrent or undervoltage output conditions.
Pin Configuration
5
ERR
4
OUT
3
GND
2IN
1EN
TO-220-5 (T)
5
ERR
4
OUT
3
GND
2IN
1EN
TO-263-5 (U)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com