Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVF4-6 Datasheet (PDF) - DB Lectro Inc

NVF4-6 Datasheet PDF - DB Lectro Inc
Part # NVF4-6
Download  NVF4-6 Download
File Size   327.75 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Contact load capacity up to 150A

NVF4-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
NVF4-6 Datasheet PDF - DB Lectro Inc

Part # NVF4-6
Download  NVF4-6 Click to download

File Size   327.75 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Contact load capacity up to 150A

NVF4-6 Datasheet (HTML) - DB Lectro Inc




Similar Part No. - NVF4-6

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NVF4-6 HUAXINAN-NVF4-6 Datasheet
425Kb / 1P
Terminal types as inserting
NVF4-6A HUAXINAN-NVF4-6A Datasheet
425Kb / 1P
Terminal types as inserting
NVF4-6C HUAXINAN-NVF4-6C Datasheet
425Kb / 1P
Terminal types as inserting.
More results


Similar Description - NVF4-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G53AD-DC110 ETC-G53AD-DC110 Datasheet
54Kb / 2P
Miniature Type, Heavy contact load up to 4000VA
logo
CIT Relay & Switch
WJ110 CIT-WJ110 Datasheet
145Kb / 2P
Load capacity of up to 15A
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
Contact load capacity up to 30A
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
Contact load capacity up to 30A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
HuaXinAn Electronics CO...
NV23K-A HUAXINAN-NV23K-A Datasheet
375Kb / 1P
Heavy contact load switching current up to 30A.
NV23K-C HUAXINAN-NV23K-C Datasheet
375Kb / 1P
Heavy contact load switching current up to 30A
NV2312A HUAXINAN-NV2312A Datasheet
423Kb / 1P
Heavy contact load switching current up to 30A.
NV2312C HUAXINAN-NV2312C Datasheet
423Kb / 1P
Heavy contact load switching current up to 30A.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com