Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80C51 Datasheet (PDF) - Digital Core Design

DP80C51 Datasheet PDF - Digital Core Design
Part # DP80C51
Download  DP80C51 Download
File Size   243.05 Kbytes
Page   10 Pages
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design
Description Pipelined High Performance 8-bit Microcontroller

DP80C51 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP80C51 Datasheet PDF - Digital Core Design

Part # DP80C51
Download  DP80C51 Click to download

File Size   243.05 Kbytes
Page   10 Pages
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design
Description Pipelined High Performance 8-bit Microcontroller

DP80C51 Datasheet (HTML) - Digital Core Design


DP80C51 Product details

OVERVIEW
DP80C51 is an ultra high performance, speed optimized soft core of a single-chip 8-bit embedded controller dedicated for operation with fast (typically on-chip) and slow (off chip) memories. The core has been designed with a special concern for performance to power consumption ratio. This ratio is extended by an advanced power management unit PMU.
DP80C51 soft core is 100% binary and pin compatible with the industry standard 8051 8-bit microcontroller. There are two configurations of the DP80C51: Harward, where external data and program buses are separated, and von Neumann, with common program and external data bus. DP80C51 has Pipelined RISC architecture up to 10 times faster compared to standard architecture and executes 85-200 million instructions persecond. This performance can also be exploited to great advantage in low power applications where the core can be clocked over tentimes more slower than the original implementation for no performance penalty.
DP80C51 is delivered with fully automated testbench and complete set of tests allowing easy package validation at each stage of SoC design flow.

CPU FEATURES
● 100% pin compatible with industry standard 8051
● 100% software compatible with industry standard 8051
● Pipelined RISC architecture enables to execute instructions
   up to 10 times faster compared to standard 8051
● 24 times faster multiplication
● 12 times faster addition
● Up to 256 bytes of internal (on-chip) Data Memory
● Up to 64K bytes of internal (on-chip) or external (off-chip) Program Memory
   Up to 64K bytes of external (off-chip) Data Memory
● User programmable Program Memory Wait States solution for wide range of memories speed
● User programmable External Data Memory Wait States solution for wide range of memories speed
● Dedicated signal for Program Memory writes.
● Interface for additional Special Function Registers
● Fully synthesizable, static synchronous design with
   positive edge clocking and no internal tri-states
● Scan test ready
● 2.0 GHz virtual clock frequency in a 0.25u technological process




Similar Part No. - DP80C51

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP8010 3M-DP8010 Datasheet
259Kb / 6P
Scotch-Weld™ Structural Plastic Adhesives
Oct-2018
DP8010NS 3M-DP8010NS Datasheet
259Kb / 6P
Scotch-Weld™ Structural Plastic Adhesives
Oct-2018
logo
National Semiconductor ...
DP802518 NSC-DP802518 Datasheet
372Kb / 6P
DP802518 TROPIC TSUNAMI-TM TROPIC II-TM
DP802518N NSC-DP802518N Datasheet
372Kb / 6P
DP802518 TROPIC TSUNAMI-TM TROPIC II-TM
DP802518V NSC-DP802518V Datasheet
372Kb / 6P
DP802518 TROPIC TSUNAMI-TM TROPIC II-TM
More results


Similar Description - DP80C51

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051CPU DCD-DP8051CPU Datasheet
243Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
Pipelined High Performance 8-bit Microcontroller
DP80390 DCD-DP80390 Datasheet
253Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP80390CPU DCD-DP80390CPU Datasheet
242Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
Pipelined High Performance 8-bit Microcontroller
DP80390CPU DCD-DP80390CPU_03 Datasheet
130Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051 DCD-DP8051_03 Datasheet
132Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051XP DCD-DP8051XP_03 Datasheet
150Kb / 12P
Pipelined High Performance 8-bit Microcontroller ver 3.10
More results




About Digital Core Design


Digital Core Design (DCD) is a company that specializes in providing intellectual property (IP) cores for microprocessors and microcontrollers. Founded in 1999 and based in Poland, DCD offers a wide range of IP cores, including 8051, AVR, Z80, 68000, and ARM cores, among others.

DCD's IP cores are used in a variety of applications, including automotive, industrial automation, medical devices, and consumer electronics. The company's IP cores are designed to be highly configurable and customizable, allowing customers to tailor the cores to their specific needs.

In addition to its IP cores, DCD offers a range of design services, including custom microcontroller design, FPGA design, and software development. The company has a team of experienced engineers who work closely with customers to develop custom solutions that meet their specific requirements.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com