Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8051 Datasheet (PDF) - Digital Core Design

DP8051 Datasheet PDF - Digital Core Design
Part # DP8051
Download  DP8051 Download
File Size   247.69 Kbytes
Page   10 Pages
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design
Description Pipelined High Performance 8-bit Microcontroller

DP8051 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP8051 Datasheet PDF - Digital Core Design

Part # DP8051
Download  DP8051 Click to download

File Size   247.69 Kbytes
Page   10 Pages
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design
Description Pipelined High Performance 8-bit Microcontroller

DP8051 Datasheet (HTML) - Digital Core Design


DP8051 Product details

OVERVIEW
DP8051 is an ultra high performance, speed optimized soft core of a single-chip 8-bit embedded controller dedicated for operation with fast (typically on-chip) and slow (off chip) memories. The core has been designed with a special concern about performance to power consumption ratio. This ratio is extended by an advanced power management unit PMU.
DP8051 soft core is 100% binary compatible with the industry standard 8051 8-bit microcontroller. There are two configurations of DP8051: Harward where internal data and program buses are separated, and von Neumann with common program and external data bus. DP8051 has Pipelined RISC architecture 10 times faster compared to standard architecture and executes 85-200 million in structions per second. This performance can also be exploited to great advantage in low power applications where the core can be clocked over ten times more slowly than the original implementation for no performance penalty.
DP8051 is delivered with fully automated testbench and complete set of tests allowing easy package validation at each stage of SoC
design flow.

CPU FEATURES
● 100% software compatible with industry standard 8051
● Pipelined RISC architecture enables to execute instructions
   10 times faster com pared to standard 8051
● 24 times faster multiplication
● 12 times faster addition
● Up to 256 bytes of internal (on-chip) Data Memory
● Up to 64K bytes of internal (on-chip) or external (off-chip) Program Memory
● Up to 16M bytes of external (off-chip) Data Memory
● User programmable Program Memory Wait States solution for wide range of memories speed
● User programmable External Data Memory Wait States solution for wide range of
   memories speed
● De-multiplexed Address/Data bus to allow easy connection to memory
● Dedicated signal for Program Memory writes.
● Interface for additional Special Function Registers
● Fully synthesizable, static synchronous design with
   positive edge clocking and no internal tri-states
● Scan test ready
● 2.0 GHz virtual clock frequency in a 0.35u technological process




Similar Part No. - DP8051

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DP8051 DCD-DP8051 Datasheet
132Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU Datasheet
243Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051CPU DCD-DP8051CPU Datasheet
129Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
Pipelined High Performance 8-bit Microcontroller
More results


Similar Description - DP8051

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051CPU DCD-DP8051CPU Datasheet
243Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
Pipelined High Performance 8-bit Microcontroller
DP80390 DCD-DP80390 Datasheet
253Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP80390CPU DCD-DP80390CPU Datasheet
242Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
Pipelined High Performance 8-bit Microcontroller
DP80390CPU DCD-DP80390CPU_03 Datasheet
130Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051 DCD-DP8051_03 Datasheet
132Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051XP DCD-DP8051XP_03 Datasheet
150Kb / 12P
Pipelined High Performance 8-bit Microcontroller ver 3.10
More results




About Digital Core Design


Digital Core Design (DCD) is a company that specializes in providing intellectual property (IP) cores for microprocessors and microcontrollers. Founded in 1999 and based in Poland, DCD offers a wide range of IP cores, including 8051, AVR, Z80, 68000, and ARM cores, among others.

DCD's IP cores are used in a variety of applications, including automotive, industrial automation, medical devices, and consumer electronics. The company's IP cores are designed to be highly configurable and customizable, allowing customers to tailor the cores to their specific needs.

In addition to its IP cores, DCD offers a range of design services, including custom microcontroller design, FPGA design, and software development. The company has a team of experienced engineers who work closely with customers to develop custom solutions that meet their specific requirements.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com