Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10140 Datasheet (PDF) - Hamamatsu Corporation

S10140 Datasheet PDF - Hamamatsu Corporation
Part # S10140
Download  S10140 Download
File Size   204.67 Kbytes
Page   8 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description CCD area image sensor Low readout noise, high resolution (pixel size: 12 關m)

S10140 Datasheet (PDF)

Go To PDF Page Download Datasheet
S10140 Datasheet PDF - Hamamatsu Corporation

Part # S10140
Download  S10140 Click to download

File Size   204.67 Kbytes
Page   8 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description CCD area image sensor Low readout noise, high resolution (pixel size: 12 關m)

S10140 Datasheet (HTML) - Hamamatsu Corporation


S10140 Product details

S10140/S10141 series is a family of back-thinned FFT-CCD image sensors specifically designed for low-light-level detection in scientific applications. By using the binning operation, S10140/S0141 series can be used as a linear image sensor having a long aperture in the direction of the device length. This makes S10140/S10141 series ideally suited for use in spectrophotometry. The binning operation offers significant improvement in S/N and signal processing speed compared with conventional methods by which signals are digitally added by an external circuit. S10140/S10141 series also features low noise and low dark signal (MPP mode operation). This enables low-light-level detection and long integration time, thus achieving a wide dynamic range.
S10140/S10141 series has an effective pixel size of 12 × 12 µm and is available in image areas ranging from 12.288 (H) × 1.464 (V) mm2 (1024 × 122 pixels) up to a large image area of 24.576 (H) × 6.072 (V) mm2 (2048 × 506 pixels).

Features
● Low readout noise: 4 e-rms Typ.
● High resolution: pixel size 12 × 12 µm
● Non-cooled type: S10140 series One-stage TE-cooled type: S10141 series
● Line, pixel binning, area scanning
● Greater than 90 % quantum efficiency at peak sensitivity wavelength
● Wide spectral response range
● Wide dynamic range
● MPP operation
● High UV sensitivity with good stability
● Same pin connections as S7030/S7031 series

Applications
● Fluorescence spectrometer, ICP
● Industrial inspection requiring
● Semiconductor inspection
● DNA sequencer
● Low-light-level detection




Similar Part No. - S10140

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10140-1007 HAMAMATSU-S10140-1007 Datasheet
297Kb / 13P
Low readout noise, high resolution (pixel size: 12 ..m)
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
CCD area image sensor
S10140-1008 HAMAMATSU-S10140-1008 Datasheet
297Kb / 13P
Low readout noise, high resolution (pixel size: 12 ..m)
S10140-1009 HAMAMATSU-S10140-1009 Datasheet
297Kb / 13P
Low readout noise, high resolution (pixel size: 12 ..m)
S10140-1107 HAMAMATSU-S10140-1107 Datasheet
297Kb / 13P
Low readout noise, high resolution (pixel size: 12 ..m)
More results


Similar Description - S10140

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CCD595 FAIRCHILD-CCD595 Datasheet
190Kb / 3P
9216 x 9216 Pixel Image Area Full Frame CCD Image Sensor
logo
Hamamatsu Corporation
S9970 HAMAMATSU-S9970 Datasheet
298Kb / 10P
CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S9970 HAMAMATSU-S9970_09 Datasheet
480Kb / 11P
CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S10140 HAMAMATSU-S10140_11 Datasheet
297Kb / 13P
Low readout noise, high resolution (pixel size: 12 ..m)
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
CCD area image sensor
logo
Texas Instruments
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
pixel ccd image sensor
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
pixel ccd image sensor
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
PIXEL CCD IMAGE SENSOR
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
PIXEL CCD IMAGE SENSOR
logo
Panasonic Semiconductor
MN39242FT PANASONIC-MN39242FT Datasheet
95Kb / 7P
CCD Area Image Sensor Diagonal 4.5 mm (type-1/4) 570k-pixel CCD Area Image Sensor
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com