Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10140 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S10140
Description  CCD area image sensor Low readout noise, high resolution (pixel size: 12 關m)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10140 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S10140 Datasheet HTML 1Page - Hamamatsu Corporation S10140 Datasheet HTML 2Page - Hamamatsu Corporation S10140 Datasheet HTML 3Page - Hamamatsu Corporation S10140 Datasheet HTML 4Page - Hamamatsu Corporation S10140 Datasheet HTML 5Page - Hamamatsu Corporation S10140 Datasheet HTML 6Page - Hamamatsu Corporation S10140 Datasheet HTML 7Page - Hamamatsu Corporation S10140 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CCD area image sensor
S10140/S10141 series
s Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating temperature
Topr
-50
-
+30
°C
Storage temperature
Tstg
-50
-
+70
°C
OD voltage
VOD
-0.5
-
+30
V
RD voltage
VRD
-0.5
-
+18
V
ISV voltage
VISV
-0.5
-
+18
V
ISH voltage
VISH
-0.5
-
+18
V
IGV voltage
VIG1V, VIG2V
-10
-
+15
V
IGH voltage
VIG1H, VIG2H
-10
-
+15
V
SG voltage
VSG
-10
-
+15
V
OG voltage
VOG
-10
-
+15
V
RG voltage
VRG
-10
-
+15
V
TG voltage
VTG
-10
-
+15
V
Vertical clock voltage
VP1V, VP2V
-10
-
+15
V
Horizontal clock voltage
VP1H, VP2H
-10
-
+15
V
s Operating conditions (MPP mode, Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Output transistor drain voltage
VOD
-
24
-
V
Reset drain voltage
VRD
-
12
-
V
Output gate voltage
VOG
-
3
-
V
Substrate voltage
VSS
-
0
-
V
Test point (vertical input source)
VISV
-
VRD
-
V
Test point (horizontal input source)
VISH
-
VRD
-
V
Test point (vertical input gate)
VIG1V, VIG2V
-9
-8
0
V
Test point (horizontal input gate)
VIG1H, VIG2H
-9
-8
0
V
High
VP1VH, VP2VH
-
3
-
Vertical shift register
clock voltage
Low
VP1VL, VP2VL
-
-8
-
V
High
VP1HH, VP2HH
-
5
-
Horizontal shift register
clock voltage
Low
VP1HL, VP2HL
-
-8
-
V
High
VSGH
-
5
-
Summing gate voltage
Low
VSGL
-
-8
-
V
High
VRGH
-
5
-
Reset gate voltage
Low
VRGL
-
-8
-
V
High
VTGH
-
3
-
Transfer gate voltage
Low
VTGL
-
-8
-
V
s Electrical characteristics (Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Signal output frequency
fc
-
250
500
kHz
Vertical shift register capacitance *2
CP1V, CP2V
-
3600
-
pF
Horizontal shift register capacitance *2
CP1H, CP2H
-
150
-
pF
Summing gate capacitance
CSG
-
30
-
pF
Reset gate capacitance
CRG
-
30
-
pF
Transfer gate capacitance
CTG
-
75
-
pF
Charge transfer efficiency *3
CTE
0.99995
0.99999
-
-
DC output level *4
Vout
12
17
18
V
Output impedance *4
Zo
-
8
-
k
Ω
Power consumption *4 *5
P
-
4
-
mW
*2: S10140-1108, S10141-1108S
*3: Charge transfer efficiency per pixel, measured at half of the full well capacity.
*4: The values depend on the load resistance. (Typical, VOD=24 V, Load resistance=100 k
Ω)
*5: Power consumption of the on-chip amplifier
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com