Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS710 Datasheet (PDF) - Solid State Inc

STS710 Datasheet PDF - Solid State Inc
Part # STS710
Download  STS710 Download
File Size   448.09 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Miniature 16pin SOIC package

STS710 Datasheet (PDF)

Go To PDF Page Download Datasheet
STS710 Datasheet PDF - Solid State Inc

Part # STS710
Download  STS710 Click to download

File Size   448.09 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Miniature 16pin SOIC package

STS710 Datasheet (HTML) - Solid State Inc


STS710 Product details

APPLICATIONS
• Telecom switching
• PCMCIA cards
• Fax/modem modules
• Set-top boxes
• DAA arrangements
• Hookswitch
• Loop current detect
• Pulse dialing

FEATURES
• Miniature 16pin SOIC package
• Function integration, including Zener Diode protection
• High Blocking Voltage (400V, relay portion)
• Low input control current (2.5mA TYP, relay portion)
• Low On-Resistance (30 ohms MAX, relay portion)
• High Load Current (120mA MAX, relay portion)
• High Input - Ouptut Isolation (1.5kV MIN, relay portion)
• Long life / high reliability




Similar Part No. - STS710

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STS710 SSOUSA-STS710 Datasheet
448Kb / 8P
Telecommunications Switch
More results


Similar Description - STS710

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SOIC4_DIM FAIRCHILD-SOIC4_DIM Datasheet
21Kb / 1P
SOIC-4 Package Dimensions
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
8 PIN SOIC PACKAGE OUTLINE
logo
List of Unclassifed Man...
AK9844AV ETC1-AK9844AV Datasheet
65Kb / 2P
16pin TSSOP
logo
Maxim Integrated Produc...
21-0042 MAXIM-21-0042 Datasheet
46Kb / 1P
PACKAGE OUTLINE, SOIC,300
Rev F
logo
Integrated Device Techn...
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
8-pin SOIC package
logo
RFHIC
AE607 RFHIC-AE607 Datasheet
1Mb / 5P
SOIC-8 SMD Type package
logo
COSMO Electronics Corp...
KP3040 COSMO-KP3040_15 Datasheet
318Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
NPT1004 ETC2-NPT1004 Datasheet
541Kb / 6P
Low cost, surface mount SOIC package
NPTB00004 ETC2-NPTB00004 Datasheet
953Kb / 10P
Low cost, surface mount SOIC package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com