Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS710 Datasheet(PDF) 1 Page - Solid State Inc

Part # STS710
Description  Miniature 16pin SOIC package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

STS710 Datasheet(HTML) 1 Page - Solid State Inc

  STS710 Datasheet HTML 1Page - Solid State Inc STS710 Datasheet HTML 2Page - Solid State Inc STS710 Datasheet HTML 3Page - Solid State Inc STS710 Datasheet HTML 4Page - Solid State Inc STS710 Datasheet HTML 5Page - Solid State Inc STS710 Datasheet HTML 6Page - Solid State Inc STS710 Datasheet HTML 7Page - Solid State Inc STS710 Datasheet HTML 8Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STS710
Multifunction
Telecommunications Switch
The STS710 is a multi-function telecommunications switch. It combines a 1 Form A solid state relay, phototransistor, zener diode,
darlington transistor and a bridge rectifier in a 16-pin SOIC package.The solid state relay is comprised of an infrared LED optically
coupled to a Photo Diode Array that drives two back-to-back MOSFETs. The optocoupler consists of back-to-back infrared LEDs coupled
to a Photo-Transistor. Its small outline and low height make the STS710 an ideal choice in telecom circuits where function integration and
reduction of board space are essential.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Miniature 16pin SOIC package
•
Function integration, including Zener Diode protection
•
High Blocking Voltage (400V, relay portion)
•
Low input control current (2.5mA TYP, relay portion)
•
Low On-Resistance (30 ohms MAX, relay portion)
•
High Load Current (120mA MAX, relay portion)
•
High Input - Ouptut Isolation (1.5kV MIN, relay portion)
•
Long life / high reliability
•
Telecom switching
•
PCMCIA cards
•
Fax/modem modules
•
Set-top boxes
•
DAA arrangements
•
Hookswitch
•
Loop current detect
•
Pulse dialing
•
Tape & Reel Packaging
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
120
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
500
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
BABT APPROVED TO (BSI) EN60950, (BSI) EN60065
•
www.ssousa.com • +1.408.293.4600
Page 1 of
8
STS710
rev 1.42 (1/11/2008)
© 2008 Solid State Optronics • San José, CA
UL/ C-UL Approved
•
IC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Relay Output
(Form A Relay)
Relay Output
Input -/+ (Bridge Rectifier)
Base
(Darlington)
Emitter
(Darlington)
Bridge Output + / Collector (Darlington)
Zener Diode (cathode)
Bridge Output -
Zener Diode (anode)
LED – Phototransistor -/+
LED – Phototransistor +/-
N/C
+ Input LED
(Form A Relay)
- Input LED
(Form A Relay)
N/C
N/C
N/C
Collector (Phototransistor)
Emitter (Phototransistor)


Similar Part No. - STS710

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STS710 SSOUSA-STS710 Datasheet
448Kb / 8P
Telecommunications Switch
More results

Similar Description - STS710

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SOIC4_DIM FAIRCHILD-SOIC4_DIM Datasheet
21Kb / 1P
SOIC-4 Package Dimensions
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
8 PIN SOIC PACKAGE OUTLINE
logo
List of Unclassifed Man...
AK9844AV ETC1-AK9844AV Datasheet
65Kb / 2P
16pin TSSOP
logo
Maxim Integrated Produc...
21-0042 MAXIM-21-0042 Datasheet
46Kb / 1P
PACKAGE OUTLINE, SOIC,300
Rev F
logo
Integrated Device Techn...
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
8-pin SOIC package
logo
RFHIC
AE607 RFHIC-AE607 Datasheet
1Mb / 5P
SOIC-8 SMD Type package
logo
COSMO Electronics Corp...
KP3040 COSMO-KP3040_15 Datasheet
318Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
NPT1004 ETC2-NPT1004 Datasheet
541Kb / 6P
Low cost, surface mount SOIC package
NPTB00004 ETC2-NPTB00004 Datasheet
953Kb / 10P
Low cost, surface mount SOIC package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com