Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STZ8082 Datasheet (PDF) - Solid State Inc

STZ8082 Datasheet PDF - Solid State Inc
Part # STZ8082
Download  STZ8082 Download
File Size   415.86 Kbytes
Page   9 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Blocking Voltage (800V)

STZ8082 Datasheet (PDF)

Go To PDF Page Download Datasheet
STZ8082 Datasheet PDF - Solid State Inc

Part # STZ8082
Download  STZ8082 Click to download

File Size   415.86 Kbytes
Page   9 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Blocking Voltage (800V)

STZ8082 Datasheet (HTML) - Solid State Inc


STZ8082 Product details

Features
 High Blocking Voltage (800V)
 0.8ARMS Continuous Load Current
 Zero Cross Switching
 Low Control Current (<10mA)
 High Isolation Voltage (up to 5kVRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Valve Control
 Meter Reading Systems
 Heating Elements
 Home Appliances
 Solenoid / Motor Control
 Dimmer Control




Similar Part No. - STZ8082

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
STZ8082 SEMTECH_ELEC-STZ8082 Datasheet
301Kb / 5P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
STZ8082 HTSEMI-STZ8082 Datasheet
595Kb / 5P
Silicon Planar Zener Diodes
logo
Solid State Optronic
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
High Blocking Voltage
logo
SEMTECH ELECTRONICS LTD...
STZ8082A SEMTECH_ELEC-STZ8082A Datasheet
301Kb / 5P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
STZ8082A HTSEMI-STZ8082A Datasheet
595Kb / 5P
Silicon Planar Zener Diodes
More results


Similar Description - STZ8082

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
High blocking voltage capability
Rev. 5-23 March 2011
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
High Blocking Voltage (600V)
AD4C101 SSOUSA-AD4C101 Datasheet
224Kb / 5P
High Blocking Voltage (600V)
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
High Blocking Voltage (1200V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
High Blocking Voltage (800V)
AD6C101 SSOUSA-AD6C101_15 Datasheet
212Kb / 5P
High Blocking Voltage (600V)
S942 SSOUSA-S942 Datasheet
248Kb / 7P
High Blocking Voltage (800V MIN)
STR8062 SSOUSA-STR8062 Datasheet
357Kb / 8P
High Blocking Voltage (600V)
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
High Blocking Voltage
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
High Blocking Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com