Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4738 Datasheet (PDF) - Toshiba Semiconductor

2SC4738 Datasheet PDF - Toshiba Semiconductor
Part # 2SC4738
Download  2SC4738 Download
File Size   409.58 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications

2SC4738 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4738 Datasheet PDF - Toshiba Semiconductor

Part # 2SC4738
Download  2SC4738 Click to download

File Size   409.58 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications

2SC4738 Datasheet (HTML) - Toshiba Semiconductor


2SC4738 Product details

Features
■ High voltage and high current: VCEO = 50 V, IC = 150 mA (max)
■ Excellent hFE linearity: hFE (IC = 0.1 mA)/ hFE (IC = 2 mA)
■ = 0.95 (typ.)
■ High hFE: hFE = 120~700
■ Complementary to 2SA1832
■ Small package




Similar Part No. - 2SC4738

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4738 TOSHIBA-2SC4738 Datasheet
153Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
10-Apr-1997
logo
Guangdong Kexin Industr...
2SC4738 KEXIN-2SC4738 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar type
logo
Weitron Technology
2SC4738 WEITRON-2SC4738 Datasheet
159Kb / 3P
NPN TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC4738 SECOS-2SC4738 Datasheet
277Kb / 2P
0.15A , 60V NPN Plastic Encapsulated Transistor
logo
Toshiba Semiconductor
2SC4738 TOSHIBA-2SC4738 Datasheet
211Kb / 3P
Audio Frequency General Purpose Amplifier Applications
More results


Similar Description - 2SC4738

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4207 TOSHIBA-2SC4207_07 Datasheet
417Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
2SC4666 TOSHIBA-2SC4666_07 Datasheet
458Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Amplifier Applications
01-Nov-2007
HN1A01FE TOSHIBA-HN1A01FE Datasheet
193Kb / 3P
Silicon PNP Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
HN1A01FU TOSHIBA-HN1A01FU_07 Datasheet
238Kb / 4P
Silicon PNP Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
HN1B01F TOSHIBA-HN1B01F_07 Datasheet
364Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio-Frequency General-Purpose Amplifier Applications
HN1B01FU TOSHIBA-HN1B01FU_07 Datasheet
362Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
HN1B04F TOSHIBA-HN1B04F_07 Datasheet
514Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
HN1B04FU TOSHIBA-HN1B04FU Datasheet
386Kb / 6P
Silicon PNP Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
HN1C01FE TOSHIBA-HN1C01FE Datasheet
194Kb / 3P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
HN1C01FU TOSHIBA-HN1C01FU_07 Datasheet
236Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com