Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4738 Datasheet (PDF) - Toshiba Semiconductor

2SC4738 Datasheet PDF - Toshiba Semiconductor
Part # 2SC4738
Download  2SC4738 Download
File Size   211.4 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplifier Applications

2SC4738 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4738 Datasheet PDF - Toshiba Semiconductor

Part # 2SC4738
Download  2SC4738 Click to download

File Size   211.4 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplifier Applications

2SC4738 Datasheet (HTML) - Toshiba Semiconductor


2SC4738 Product details

Audio Frequency General Purpose Amplifier Applications





High voltage and high current: VCEO= 50 V, IC= 150 mA (max)

Excellent hFElinearity: hFE(IC= 0.1 mA)/hFE(IC= 2 mA) = 0.95 (typ.)

High hFE: hFE= 120~400

Complementary to 2SA1832F

Small package




Similar Part No. - 2SC4738

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4738 TOSHIBA-2SC4738 Datasheet
153Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4738 TOSHIBA-2SC4738 Datasheet
409Kb / 3P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
logo
Guangdong Kexin Industr...
2SC4738 KEXIN-2SC4738 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar type
logo
Weitron Technology
2SC4738 WEITRON-2SC4738 Datasheet
159Kb / 3P
NPN TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC4738 SECOS-2SC4738 Datasheet
277Kb / 2P
0.15A , 60V NPN Plastic Encapsulated Transistor
More results


Similar Description - 2SC4738

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
Audio frequency General Purpose Amplifier Applications
2SA1162 TOSHIBA-2SA1162_07 Datasheet
391Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SA1586 TOSHIBA-2SA1586_07 Datasheet
382Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-BL TOSHIBA-2SC2713-BL Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SA1586-GR TOSHIBA-2SA1586-GR Datasheet
207Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
Audio Frequency General Purpose Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com