Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS241DM Datasheet (PDF) - Campbell Scientific United Kingdom

CS241DM Datasheet PDF - Campbell Scientific United Kingdom
Part # CS241DM
Download  CS241DM Download
File Size   681.61 Kbytes
Page   3 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Pt-1000 Class A, Precision Back-of-Module Temperature Sensor with Digital Modbus RS-485 Output

CS241DM Datasheet (PDF)

Go To PDF Page Download Datasheet
CS241DM Datasheet PDF - Campbell Scientific United Kingdom

Part # CS241DM
Download  CS241DM Click to download

File Size   681.61 Kbytes
Page   3 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Pt-1000 Class A, Precision Back-of-Module Temperature Sensor with Digital Modbus RS-485 Output

CS241DM Datasheet (HTML) - Campbell Scientific United Kingdom


CS241DM Product details

Benefits and Features
Digital Modbus output
Redesigned for optimal performance on bifacial PV module
Easy installation with maximum sensor-to-module bonding strength and smaller profile
NiST-traceable, serialized calibration certificate supplied with every sensor
Meets or exceeds [EC 61724 Class A performance specifications
Precision Pt-1000 Class A sensing element
Compliant with IEC 60751, DIN EN 60751 (according to IEC 751)
IP68 rating, making the sensor suitable for use on floating PV arrays
Slim designto minimize sensor impact on bifaciality (<2% of full-size cell area)
Thermal conductance greater than 600 W/(m²*K)
Maximum sensor-to-module bonding
High temperature rating to 150°C
) Internal four-wire measurement with 24-bit A/D and
precision resistort o maximize measurement accuracy
) Quick sensor head connection for easier installation and
replacement




Similar Part No. - CS241DM

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS241 CAMPBELL-CS241 Datasheet
593Kb / 2P
Pt-1000 Class A, Back-of-Module Temperature Sensor
05/04/2022
logo
Powerex Power Semicondu...
CS241020 POWEREX-CS241020 Datasheet
61Kb / 2P
Fast Recovery Single Diode Module 200 Amperes/1000 Volts
CS241210 POWEREX-CS241210 Datasheet
74Kb / 4P
Fast Recovery Single Diode Modules 100 Amperes/600-1200 Volts
logo
List of Unclassifed Man...
CS241210 ETC2-CS241210 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Powerex Power Semicondu...
CS241250 POWEREX-CS241250 Datasheet
74Kb / 4P
Fast Recovery Single Diode Modules 50 Amperes/600-1200 Volts
More results


Similar Description - CS241DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
Temperature sensor with digital output
logo
ON Semiconductor
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
Digital Output Temperature Sensor
June, 2014 ??Rev. 12
logo
PHOENIX CONTACT
2901365 PHOENIX-2901365 Datasheet
84Kb / 3P
RS-485 JBUS/MODBUS communication module for EEM-MA400
2901367 PHOENIX-2901367 Datasheet
84Kb / 3P
RS-485 JBUS/MODBUS communication module for EEM-MA600
logo
List of Unclassifed Man...
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
Digital-output relative humidity & temperature sensor/module
logo
WAGO Kontakttechnik Gmb...
750-315-300-000 WAGO-750-315-300-000 Datasheet
638Kb / 11P
Fieldbus Coupler MODBUS; RS-485; 115,2 kBd
750-815-325-000 WAGO-750-815-325-000 Datasheet
527Kb / 12P
Controller MODBUS; RS-485; 115,2 kBd; Ext. Temperature
750-815-300-000 WAGO-750-815-300-000 Datasheet
629Kb / 12P
Controller MODBUS; RS-485; 115,2 kBd
logo
Schneider Electric
BMXNOM0200 SCHNEIDER-BMXNOM0200 Datasheet
124Kb / 3P
Serial link module with 2 RS-485/232 ports in Modbus and Character mode
Apr 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com