Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8113 Datasheet (PDF) - Analog Devices

ADL8113 Datasheet PDF - Analog Devices
Part # ADL8113
Download  ADL8113 Download
File Size   3118.0 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches

ADL8113 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8113 Datasheet PDF - Analog Devices

Part # ADL8113
Download  ADL8113 Click to download

File Size   3118.0 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches

ADL8113 Datasheet (HTML) - Analog Devices


ADL8113 Product details

FEATURES
► Wideband amplifier with multiple bypass modes
► 4 pin-selectable operating modes
► Internal amplifier mode operating from 10MHz to 12GHz
► Internal bypass mode operating from 10MHz to 14GHz
► Two external bypass modes from 10MHz to 14GHz
► Integrated power-supply decoupling
► Reflective bypass switches
► In internal amplifier mode
► Small signal gain: 14.0dB typical from 200MHz to 6GHz
► OP1dB: 20.5dBm typical from 200MHz to 6GHz
► OIP3: 35.5dBm typical from 200MHz to 6GHz
► OIP2: 44.6dBm typical from 9GHz to 12GHz
► Noise figure: 3.8dB typical from 200MHz to 6GHz
► In internal bypass switch mode
► Insertion loss: 2.2dB typical from 200MHz to 6GHz
► Operating temperature range: −40°C to +85°C
► RoHS-compliant, 6mm × 6mm, 28-terminal LGA

APPLICATIONS
► Electronic test and measurement equipment
► Electronic warfare
► Wireless receivers

GENERAL DESCRIPTION
The ADL8113 is a low noise amplifier (LNA) with bypass switches
that provides broadband operation from 10MHz to 12GHz. The
ADL8113 provides a low noise figure of 3.8dB and an output thirdorder
intercept point (OIP3) of 35.5dBm from 200MHz to 6GHz. The
ADL8113 provides a small signal gain of 14.0dB that is stable over
frequency, temperature, power supply, and from device to device.
The integration of an amplifier and two SP4T reflective switches
allows multiple paths through the device. The addition of switches
also offers a high input third-order intercept (IIP3) path when large
input signals are present. With the integration of power-supply
decoupling capacitors, minimal external power-supply decoupling is
required.
The ADL8113 is fully specified for operation across a temperature
range of −40°C to +85°C. The ADL8113 is available in a 6mm ×
6mm, 28-terminal land grid array (LGA) package.




Similar Part No. - ADL8113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8111 AD-ADL8111 Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
ADL8111 AD-ADL8111 Datasheet
2Mb / 24P
10 MHz to 8 GHz Bypass Amplifier
Rev. A
ADL8111-EVALZ AD-ADL8111-EVALZ Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
ADL8111-EVALZ AD-ADL8111-EVALZ Datasheet
2Mb / 24P
10 MHz to 8 GHz Bypass Amplifier
Rev. A
ADL8111ACCZN AD-ADL8111ACCZN Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
More results


Similar Description - ADL8113

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
10MHz, Low Noise, Operational Amplifiers
April 2002
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Maxim Integrated Produc...
DS4026_0709 MAXIM-DS4026_0709 Datasheet
176Kb / 13P
10MHz to 51.84MHz TCXO
Rev 1; 9/07
logo
Texas Instruments
OPA141 TI-OPA141 Datasheet
778Kb / 23P
Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
OPA141 TI-OPA141_1 Datasheet
915Kb / 25P
Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
OPA141 TI-OPA141_15 Datasheet
1Mb / 30P
Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
LMV721-N TI1-LMV721-N Datasheet
1Mb / 27P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
TAITIEN ELECTRONICS CO....
NJ-10M-6800 TAITIEN-NJ-10M-6800 Datasheet
467Kb / 4P
10MHz Low Noise OCXO
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
10MHz, Low Noise, Operational Amplifiers
May 2003
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com