Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

024A Datasheet (PDF) - Campbell Scientific United Kingdom

024A Datasheet PDF - Campbell Scientific United Kingdom
Part # 024A
Download  024A Download
File Size   232.33 Kbytes
Page   1 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Wind Direction Sensor

024A Datasheet (PDF)

Go To PDF Page Download Datasheet
024A Datasheet PDF - Campbell Scientific United Kingdom

Part # 024A
Download  024A Click to download

File Size   232.33 Kbytes
Page   1 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Wind Direction Sensor

024A Datasheet (HTML) - Campbell Scientific United Kingdom


024A Product details

Technical Description
The 024A Wind Vane measures wind direction from 0 to 360 degrees with a 5 degree accuracy specification. Wind direction is sensed with a 10 kohm potentiometer. With the precision excitation voltage from the data logger applied to the potentiometer elementt,he output signal is an analog voltage that is directly proportional to the azimuth of the wind direction.




Similar Part No. - 024A

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
024AC HUAXINAN-024AC Datasheet
1Mb / 3P
PC board mounting and direct insert mounting available
024AC-1200 HUAXINAN-024AC-1200 Datasheet
993Kb / 2P
Small size, light weight, heavy reverse power.
024AC-1200 HUAXINAN-024AC-1200 Datasheet
993Kb / 2P
Small size, light weight, heavy reverse power.
024AC-1200 HUAXINAN-024AC-1200 Datasheet
993Kb / 2P
Small size, light weight, heavy reverse power
024AC-1200 HUAXINAN-024AC-1200 Datasheet
993Kb / 2P
Small size, light weight, heavy reverse power
More results


Similar Description - 024A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
Hall-Effect Sensor with Direction Detection
SONICWEATHERSTATION ETC2-SONICWEATHERSTATION Datasheet
86Kb / 2P
Wind Speed and Direction
logo
Advanced Thermal Soluti...
WTC-100 ATS-WTC-100 Datasheet
623Kb / 1P
WIND TUNNEL CONTROLLER
R3_0215
logo
Allegro MicroSystems
A1233 ALLEGRO-A1233 Datasheet
738Kb / 12P
Dual-Channel Hall-Effect Direction Detection Sensor IC
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
Hall Effect Direction Detection Sensor IC
A3423 ALLEGRO-A3423 Datasheet
499Kb / 10P
Dual Channel Hall Effect Direction Detection Sensor IC
logo
ZF Friedrichshafen AG
SD101201 ZFSWITCHES-SD101201 Datasheet
370Kb / 2P
Gear Tooth Speed and Direction Sensor
logo
Allegro MicroSystems
A19571 ALLEGRO-A19571 Datasheet
2Mb / 17P
GMR Transmission Speed and Direction Sensor IC
ATS17501 ALLEGRO-ATS17501 Datasheet
1Mb / 23P
Dual Output Differential Speed and Direction Sensor IC
March 19, 2020
ATS19580 ALLEGRO-ATS19580 Datasheet
1,013Kb / 16P
Direction Sensor IC for Gear Tooth Sensing
November 18, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com