Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD3082 Datasheet (PDF) - Solid State Inc

TD3082 Datasheet PDF - Solid State Inc
Part # TD3082
Download  TD3082 Download
File Size   450.54 Kbytes
Page   9 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High dV/dt (1kV/S MIN, 2kV/S TYP)

TD3082 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD3082 Datasheet PDF - Solid State Inc

Part # TD3082
Download  TD3082 Click to download

File Size   450.54 Kbytes
Page   9 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High dV/dt (1kV/S MIN, 2kV/S TYP)

TD3082 Datasheet (HTML) - Solid State Inc


TD3082 Product details

Features
 Zero-Volt Switching
 800V Blocking Voltage
 Trigger Current (10mA MAX)
 High Isolation Voltage (5000VRMS)
 High dV/dt (1kV/S MIN, 2kV/S TYP)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Home Appliances
 Motor / Drive Controls
 Solid State Relays
 Solenoid / Valve Control
 Temperature Control




Similar Part No. - TD3082

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD3082 ETC1-TD3082 Datasheet
181Kb / 4P
Zero-Volt Switching Triac Driver
logo
Solid State Optronic
TD3082 SSOUSA-TD3082 Datasheet
436Kb / 9P
High Isolation Voltage
More results


Similar Description - TD3082

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
Extremely high dv/dt capability
SSF8N60 SILIKRON-SSF8N60 Datasheet
440Kb / 6P
Extremely high dv/dt capability
logo
STMicroelectronics
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
Extremely high dv/dt ruggedness
10-Sep-2015
STP43N60DM2 STMICROELECTRONICS-STP43N60DM2 Datasheet
422Kb / 13P
Extremely high dv/dt ruggedness
02-Jul-2015
STB9NK80Z STMICROELECTRONICS-STB9NK80Z Datasheet
987Kb / 15P
Extremely high dv/dt capability
12-Jul-2013
STW18N60DM2 STMICROELECTRONICS-STW18N60DM2 Datasheet
711Kb / 12P
Extremely high dv/dt ruggedness
28-Jan-2016
STF35N60DM2 STMICROELECTRONICS-STF35N60DM2 Datasheet
691Kb / 13P
Extremely high dv/dt ruggedness
15-Sep-2015
STW72N60DM2AG STMICROELECTRONICS-STW72N60DM2AG Datasheet
728Kb / 12P
Extremely high dv/dt ruggedness
09-Dec-2015
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
High dv/dt ability
C28 SURGE-C28 Datasheet
3Mb / 11P
High dv/dt ability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com