Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD3082 Datasheet (PDF) - Solid State Optronic

TD3082 Datasheet PDF - Solid State Optronic
Part # TD3082
Download  TD3082 Download
File Size   436.17 Kbytes
Page   9 Pages
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic
Description High Isolation Voltage

TD3082 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD3082 Datasheet PDF - Solid State Optronic

Part # TD3082
Download  TD3082 Click to download

File Size   436.17 Kbytes
Page   9 Pages
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic
Description High Isolation Voltage

TD3082 Datasheet (HTML) - Solid State Optronic


TD3082 Product details

Description
The TD3082 consists of a single input LED optically coupled to a zero-volt crossing triac driver. The TD3082 provides high input-to-output isolation and is designed to drive high-powered triacs. Typical uses include interfacing logic level control signals to equipment powered from 240VAC lines and higher.
The TD3082 comes standard in a miniature 6 pin DIP package making it ideal for high-density board applications.

Features
• Zero-Volt Switching
• 800V Blocking Voltage
• Trigger Current (10mA MAX)
• High Isolation Voltage (5000VRMS)
• High dV/dt (1kV/S MIN, 2kV/S TYP)
• Long Life / High Reliability
• RoHS / Pb-Free / REACH Compliant

Applications
• Home Appliances
• Motor / Drive Controls
• Solid State Relays
• Solenoid / Valve Control
• Temperature Control




Similar Part No. - TD3082

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD3082 ETC1-TD3082 Datasheet
181Kb / 4P
Zero-Volt Switching Triac Driver
logo
Solid State Inc
TD3082 SOLIDSTATE-TD3082 Datasheet
450Kb / 9P
High dV/dt (1kV/S MIN, 2kV/S TYP)
11/12/2013
More results


Similar Description - TD3082

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Solid State Optronic
AD6C211-L SSOUSA-AD6C211-L_15 Datasheet
309Kb / 9P
High Isolation Voltage (3750VRMS)
STZ8042 SSOUSA-STZ8042 Datasheet
400Kb / 9P
High Isolation Voltage
logo
Micross Components
MYXDB0650-10CEN MICROSS-MYXDB0650-10CEN Datasheet
319Kb / 3P
High voltage 650V isolation
logo
Analog Technologies, In...
AT202JN ANALOGTECHNOLOGIES-AT202JN Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KN ANALOGTECHNOLOGIES-AT202KN Datasheet
275Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
High Voltage Isolation Amplifier
7/5/2021
ATIA202KY ANALOGTECHNOLOGIES-ATIA202KY Datasheet
258Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com