Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL422E Datasheet (PDF) - NVE Corporation

IL422E Datasheet PDF - NVE Corporation
Part # IL422E
Download  IL422E Download
File Size   213.36 Kbytes
Page   12 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description Isolated RS422/RS485 Interface

IL422E Datasheet (PDF)

Go To PDF Page Download Datasheet
IL422E Datasheet PDF - NVE Corporation

Part # IL422E
Download  IL422E Click to download

File Size   213.36 Kbytes
Page   12 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description Isolated RS422/RS485 Interface

IL422E Datasheet (HTML) - NVE Corporation


IL422E Product details

Features
• 3.3 V Input Supply Compatible
• 25 ns Maximum Propagation Delay
• 25 Mbps Data Rate
• 1 ns Pulse Skew (typ.)
• ±60 mA Driver Output Capability
• Thermal Shutdown Protection
• Meets or Exceeds ANSI 422-B, EIA 485-A and
ITU Recommended V11
• Low EMC Footprint
• −40 °C to +85 °C Operating Temperature
• PROFIBUS Compliant
• 2500 Vrms Isolation
• IEC 60747-17 (VDE 0884-17):2021-10 certified; UL 1577 recognized
• 16-pin Wide-Body SOIC Package
Applications
Multi-point or multi-drop transmission on long bus lines in noisy
environments.




Similar Part No. - IL422E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
More results


Similar Description - IL422E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL485-3V ETC-IL485-3V Datasheet
348Kb / 8P
Isolated RS485-3V Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_12 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
Complete Isolated RS485/RS422 Module Transceiver Power
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Beckhoff Automation Gmb...
CX2500-0031 BECKHOFF-CX2500-0031 Datasheet
77Kb / 1P
Serial Interface RS485/RS422 for CX20xx, CX52xx
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com