Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL600 Datasheet (PDF) - NVE Corporation

IL600 Datasheet PDF - NVE Corporation
Part # IL600
Download  IL600 Download
File Size   496.74 Kbytes
Page   22 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description Passive-Input Digital Isolators – CMOS Outputs

IL600 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL600 Datasheet PDF - NVE Corporation

Part # IL600
Download  IL600 Click to download

File Size   496.74 Kbytes
Page   22 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description Passive-Input Digital Isolators – CMOS Outputs

IL600 Datasheet (HTML) - NVE Corporation


IL600 Product details

Features
• Up to 100 Mbps data rate
• Flexible inputs with very wide input voltage range
• 5 mA input current
• Failsafe output (logic high output for zero coil current)
• No carrier or clock for low EMI emissions and susceptibility
• Low power dissipation
• 3 V to 5 V power supplies
• 44000 year barrier life
• −40 °C to 85 °C temperature range
• 2.5 kV isolation
• IEC 60747-17 (VDE 0884-17):2021-10; UL 1577
• 8-pin MSOP, SOIC, and PDIP packages
• 0.15", 0.3", or True 8™ mm SOIC packages
Applications
• CAN Bus / Device Net
• Differential line receiver
• Optocoupler replacement
• SPI interface
• RS-485, RS-422, or RS-232
• Digital Fieldbus
• Space-critical multi-channel applications




Similar Part No. - IL600

ManufacturerPart #DatasheetDescription
logo
NVE Corporation
IL600 NVE-IL600 Datasheet
610Kb / 8P
IL600-Series Isolator Evaluation Board
March 2012
IL600-01 NVE-IL600-01 Datasheet
610Kb / 8P
IL600-Series Isolator Evaluation Board
March 2012
IL600A NVE-IL600A Datasheet
396Kb / 19P
Passive-Input Digital Isolators – Open Drain Outputs
IL600 NVE-IL600_V01 Datasheet
610Kb / 8P
IL600-Series Isolator Evaluation Board
March 2012
More results


Similar Description - IL600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL610 ETC-IL610 Datasheet
840Kb / 14P
Passive Input Digital Isolators
logo
Texas Instruments
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
QUAD DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
DUAL DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
DUAL DIGITAL ISOLATORS
logo
MORNSUN Science& Techno...
TA306W-11 MORNSUN-TA306W-11 Datasheet
712Kb / 3P
12.5mm SLIM CASE PASSIVE SIGNAL ISOLATORS
logo
Silicon Laboratories
SI8751 SILABS-SI8751 Datasheet
577Kb / 27P
Digital CMOS input option
logo
PHOENIX CONTACT
2864655 PHOENIX-2864655 Datasheet
254Kb / 8P
One- and two-channel passive isolators
logo
Renesas Technology Corp
ISL71610M RENESAS-ISL71610M Datasheet
889Kb / 27P
Radiation Tolerant Passive-Input Digital Isolator
Nov 11, 2022
ISL71610SLHM RENESAS-ISL71610SLHM Datasheet
489Kb / 18P
Radiation Hardened Passive-Input Digital Isolator
Nov 11, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com