Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL600A Datasheet (PDF) - NVE Corporation

IL600A Datasheet PDF - NVE Corporation
Part # IL600A
Download  IL600A Download
File Size   396.21 Kbytes
Page   19 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description Passive-Input Digital Isolators – Open Drain Outputs

IL600A Datasheet (PDF)

Go To PDF Page Download Datasheet
IL600A Datasheet PDF - NVE Corporation

Part # IL600A
Download  IL600A Click to download

File Size   396.21 Kbytes
Page   19 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description Passive-Input Digital Isolators – Open Drain Outputs

IL600A Datasheet (HTML) - NVE Corporation


IL600A Product details

Features
• 10 Mbps data rate
• Flexible inputs with very wide input voltage range
• 5 mA input current
• Failsafe output (logic high output for zero coil current)
• No carrier or clock for low EMI emissions and susceptibility
• 3 V to 5 V power supplies
• 44000 year barrier life
• Low power dissipation
• −40 °C to 85 °C temperature range
• 2500 VRMS isolation
• IEC 60747-17 (VDE 0884-17):2021-10; UL 1577
• 8-pin MSOP, SOIC, and PDIP packages
Applications
• General purpose optocoupler replacement
• Wired-OR alarms
• SPI interface
• I2C
• RS-485, RS-422, or RS-232
• Space-critical multi-channel applications
• Isolated relays and actuators




Similar Part No. - IL600A

ManufacturerPart #DatasheetDescription
logo
NVE Corporation
IL600 NVE-IL600 Datasheet
496Kb / 22P
Passive-Input Digital Isolators – CMOS Outputs
IL600 NVE-IL600 Datasheet
610Kb / 8P
IL600-Series Isolator Evaluation Board
March 2012
IL600-01 NVE-IL600-01 Datasheet
610Kb / 8P
IL600-Series Isolator Evaluation Board
March 2012
IL600 NVE-IL600_V01 Datasheet
610Kb / 8P
IL600-Series Isolator Evaluation Board
March 2012
More results


Similar Description - IL600A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC03A ONSEMI-MC74HC03A Datasheet
151Kb / 8P
Quad 2-Input NAND Gate with Open-Drain Outputs
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74HC03 SLS-SL74HC03 Datasheet
35Kb / 5P
Quad 2-Input NAND Gate with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC01 HITACHI-HD74HC01 Datasheet
44Kb / 7P
Quad. 2-input NAND Gates (with open drain outputs)
logo
List of Unclassifed Man...
IL610 ETC-IL610 Datasheet
840Kb / 14P
Passive Input Digital Isolators
logo
Texas Instruments
SN54HC03 TI-SN54HC03_07 Datasheet
570Kb / 15P
QUADRUPLE2-INPUT POSITIVE-AND GATES WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
MC74HCO3A ONSEMI-MC74HCO3A Datasheet
154Kb / 8P
QUAD 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
March, 2000 ??Rev. 8
logo
Renesas Technology Corp
HD74HC01 RENESAS-HD74HC01 Datasheet
83Kb / 7P
Quad. 2-input NAND Gates (with open drain outputs)
HD74HC09 RENESAS-HD74HC09 Datasheet
90Kb / 7P
Quad. 2-input AND Gates (with open drain outputs)
logo
Diodes Incorporated
74LVC2G38 DIODES-74LVC2G38 Datasheet
467Kb / 11P
DUAL 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
Rev 1
logo
ON Semiconductor
MC74HC03A ONSEMI-MC74HC03A_13 Datasheet
133Kb / 8P
Quad 2-Input NAND Gate with Open-Drain Outputs
October, 2013 ??Rev. 13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com