Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC01 Datasheet (PDF) - Hitachi Semiconductor

HD74HC01 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC01
Download  HD74HC01 Download
File Size   44.54 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-input NAND Gates (with open drain outputs)

HD74HC01 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC01 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC01
Download  HD74HC01 Click to download

File Size   44.54 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-input NAND Gates (with open drain outputs)

HD74HC01 Datasheet (HTML) - Hitachi Semiconductor


HD74HC01 Product details

Features

• High Speed Operation: tpd = 9 ns typ (CL = 50 pF)

• High Output Current: Fanout of 10 LSTTL Loads

• Wide Operating Voltage: VCC = 2 to 6 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current: ICC (static) = 1 µA max (Ta = 25°C)




Similar Part No. - HD74HC01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC01 RENESAS-HD74HC01 Datasheet
83Kb / 7P
Quad. 2-input NAND Gates (with open drain outputs)
HD74HC01FPEL RENESAS-HD74HC01FPEL Datasheet
83Kb / 7P
Quad. 2-input NAND Gates (with open drain outputs)
HD74HC01P RENESAS-HD74HC01P Datasheet
83Kb / 7P
Quad. 2-input NAND Gates (with open drain outputs)
HD74HC01RPEL RENESAS-HD74HC01RPEL Datasheet
83Kb / 7P
Quad. 2-input NAND Gates (with open drain outputs)
More results


Similar Description - HD74HC01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM5403 NSC-DM5403 Datasheet
93Kb / 4P
Quad 2-Input NAND Gates with Open-Collector Outputs
logo
ON Semiconductor
MC74HC03A ONSEMI-MC74HC03A Datasheet
151Kb / 8P
Quad 2-Input NAND Gate with Open-Drain Outputs
March, 2000 ??Rev. 8
logo
Texas Instruments
SN54HC03 TI-SN54HC03 Datasheet
66Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
logo
Fairchild Semiconductor
DM7403 FAIRCHILD-DM7403 Datasheet
35Kb / 3P
Quad 2-Input NAND Gates with Open-Collector Outputs
DM74LS03 FAIRCHILD-DM74LS03 Datasheet
48Kb / 4P
Quad 2-Input NAND Gates with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74HC09 HITACHI-HD74HC09 Datasheet
44Kb / 7P
Quad. 2-input AND Gates (with open drain outputs)
logo
National Semiconductor ...
DM7401 NSC-DM7401 Datasheet
97Kb / 4P
Quad 2-Input NAND Gates with Open-Collector Outputs
logo
Texas Instruments
SN54HC03 TI-SN54HC03_06 Datasheet
418Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74HC01 RENESAS-HD74HC01 Datasheet
83Kb / 7P
Quad. 2-input NAND Gates (with open drain outputs)
HD74HC09 RENESAS-HD74HC09 Datasheet
90Kb / 7P
Quad. 2-input AND Gates (with open drain outputs)
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com