Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC09 Datasheet (PDF) - Renesas Technology Corp

HD74HC09 Datasheet PDF - Renesas Technology Corp
Part # HD74HC09
Download  HD74HC09 Download
File Size   90.38 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input AND Gates (with open drain outputs)

HD74HC09 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC09 Datasheet PDF - Renesas Technology Corp

Part # HD74HC09
Download  HD74HC09 Click to download

File Size   90.38 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input AND Gates (with open drain outputs)

HD74HC09 Datasheet (HTML) - Renesas Technology Corp


HD74HC09 Product details

Features
• High Speed Operation: tpd = 8 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 1 µA max (Ta = 25°C)




Similar Part No. - HD74HC09

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC09 HITACHI-HD74HC09 Datasheet
44Kb / 7P
Quad. 2-input AND Gates (with open drain outputs)
More results


Similar Description - HD74HC09

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5409 NSC-5409 Datasheet
93Kb / 4P
Quad 2-Input AND Gates with Open-Collector Outputs
logo
Texas Instruments
SN54HC03 TI-SN54HC03 Datasheet
66Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
SN54HC266 TI-SN54HC266 Datasheet
77Kb / 4P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-DRAIN OUTPUTS
logo
Fairchild Semiconductor
DM74LS09 FAIRCHILD-DM74LS09 Datasheet
47Kb / 4P
Quad 2-Input AND Gates with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74HC01 HITACHI-HD74HC01 Datasheet
44Kb / 7P
Quad. 2-input NAND Gates (with open drain outputs)
HD74HC09 HITACHI-HD74HC09 Datasheet
44Kb / 7P
Quad. 2-input AND Gates (with open drain outputs)
logo
National Semiconductor ...
DM74S09 NSC-DM74S09 Datasheet
92Kb / 4P
Quad 2-Input AND Gates with Open-Collector Outputs
54LS09 NSC-54LS09 Datasheet
61Kb / 2P
QUAD 2-INPUT AND GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Texas Instruments
SN54HC03 TI-SN54HC03_07 Datasheet
570Kb / 15P
QUADRUPLE2-INPUT POSITIVE-AND GATES WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74HC01 RENESAS-HD74HC01 Datasheet
83Kb / 7P
Quad. 2-input NAND Gates (with open drain outputs)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com