Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL515E Datasheet (PDF) - NVE Corporation

IL515E Datasheet PDF - NVE Corporation
Part # IL515E
Download  IL515E Download
File Size   373.46 Kbytes
Page   20 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description DC-Correct Digital Isolators

IL515E Datasheet (PDF)

Go To PDF Page Download Datasheet
IL515E Datasheet PDF - NVE Corporation

Part # IL515E
Download  IL515E Click to download

File Size   373.46 Kbytes
Page   20 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description DC-Correct Digital Isolators

IL515E Datasheet (HTML) - NVE Corporation


IL515E Product details

Features
• 2 Mbps maximum speed
• DC-correct
• 3 V to 5 V power supplies
• 1.3 mA/channel typical quiescent current
• −40 ºC to 85 ºC operating temperature
• 50 kV/μs typ.; 30 kV/μs min. common mode transient immunity
• 44000 year barrier life
• 10 ns pulse width distortion
• 25 ns propagation delay
• Low EMC footprint
• 2500 VRMS isolation
• IEC 60747-17 (VDE 0884-17):2021-10 certified; UL 1577 recognized
• 8-pin MSOP and SOIC; 0.15", 0.3", and True 8™ mm 16-pin SOIC packages
Applications
• ADCs and DACs
• Digital Fieldbus
• RS-485 and RS-422
• Multiplexed data transmission
• Data interfaces
• Board-to-board communication
• Digital noise reduction
• Ground loop elimination
• Peripheral interfaces
• Parallel bus
• Logic level shifting




Similar Part No. - IL515E

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL5 SIEMENS-IL5 Datasheet
81Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
IL5 VISHAY-IL5 Datasheet
141Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
IL5 VISHAY-IL5 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-May-08
logo
ISOCOM COMPONENTS
IL5 ISOCOM-IL5 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
IL5-X009 VISHAY-IL5-X009 Datasheet
141Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
More results


Similar Description - IL515E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
QUAD DIGITAL ISOLATORS
ISO7220A TI-ISO7220A Datasheet
734Kb / 25P
DUAL DIGITAL ISOLATORS
ISO7240 TI-ISO7240_1 Datasheet
767Kb / 25P
QUAD DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
DUAL DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
DUAL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI88240ED-IS SILABS-SI88240ED-IS Datasheet
929Kb / 48P
QUAD DIGITAL ISOLATORS WITH DC-DC CONVERTER
SI88620ED-IS SILABS-SI88620ED-IS Datasheet
768Kb / 45P
DUAL DIGITAL ISOLATORS WITH DC-DC CONVERTER
logo
Skyworks Solutions Inc.
SI88X2X SKYWORKS-SI88X2X Datasheet
1Mb / 48P
Dual Digital Isolators with DC-DC Converter
Rev. 1.04
SI88X4X SKYWORKS-SI88X4X Datasheet
1Mb / 51P
Quad Digital Isolators with DC-DC Converter
A July 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com