Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL5 Datasheet (PDF) - Siemens Semiconductor Group

IL5 Datasheet PDF - Siemens Semiconductor Group
Part # IL5
Download  IL5 Download
File Size   81.36 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR OPTOCOUPLER

IL5 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL5 Datasheet PDF - Siemens Semiconductor Group

Part # IL5
Download  IL5 Click to download

File Size   81.36 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR OPTOCOUPLER

IL5 Datasheet (HTML) - Siemens Semiconductor Group


IL5 Product details

DESCRIPTION
The IL1/2/5 are optically coupled isolated pairs employing GaAs infrared LEDs and silicon NPN phototransistor. Signal information, including a DC level, can be transmitted by the drive while maintaining a high degree of electrical isolation between input and output. The IL1/2/5 are especially designed for driving medium-speed logic and can be used to eliminate troublesome ground loop and noise problems. These couplers can be used also to replace relays and transformers in many digital interface applications such as CRT modulation.

FEATURES
• Current Transfer Ratio at IF=10 mA
    IL1, 20% Min.
    IL2, 100% Min.
    IL5, 50% Min.
• High Collector-Emitter Voltage
    IL1 – BVCEO=50 V
    IL2, IL5 – BVCEO=70 V
• Field-Effect Stable by TRansparent IOn Shield (TRIOS)
• Double Molded Package Offers Isolation Test Voltage 5300 VACRMS
• Underwriters Lab File #E52744
• VDE Approval #0884 (Available with Option 1)




Similar Part No. - IL5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL5 VISHAY-IL5 Datasheet
141Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
IL5 VISHAY-IL5 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-May-08
logo
ISOCOM COMPONENTS
IL5 ISOCOM-IL5 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
IL5-X009 VISHAY-IL5-X009 Datasheet
141Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
IL5-X009 VISHAY-IL5-X009 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-May-08
More results


Similar Description - IL5

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
MCT271 QT-MCT271 Datasheet
455Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
MCT2E QT-MCT2E Datasheet
608Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
Phototransistor Optocoupler
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
09-Aug-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com