Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5561 Datasheet (PDF) - Cirrus Logic

CS5561 Datasheet PDF - Cirrus Logic
Part # CS5561
Download  CS5561 Download
File Size   2575.15 Kbytes
Page   2 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description High-Throughput Delta-Sigma A/D Converters

CS5561 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5561 Datasheet PDF - Cirrus Logic

Part # CS5561
Download  CS5561 Click to download

File Size   2575.15 Kbytes
Page   2 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description High-Throughput Delta-Sigma A/D Converters

CS5561 Datasheet (HTML) - Cirrus Logic


CS5561 Product details

CS5560/61 F eatures
• High-speed Delta-Sigma A/D converter
• Exceptional 0.9 LSB differential
nonlinearity error
• 24-bits, no missing codes
• 20 microsecond conversion rate,
no latency
• Self-calibrating architecture maintains
accuracy over time and temperature
• High-impedance buffered, differential
(CS5560) or single-ended (CS5561)
input versions
• Signal-to-noise ratio: 109 dB
(CS5560)
• S/(N+D) = 108 dB (CS5560)
• Digital filter flat to near-Nyquist rate
• 1.8 V to 3.3 V digital and 5 V
or ±2.5 V analog supplies
• Simple three/four-wire
digital interface
• 85 mW power consumption
• 24-pin SSOP package;
lead-free assembly

CS5570/71 Features
• High-speed Delta-Sigma A/D converter
• Exceptional 0.1 LSB
nonlinearity error
• 16-bits, no missing codes
• 10 microsecond conversion rate,
no latency
• Self-calibrating architecture maintains
accuracy over time and temperature
• High-impedance buffered, differential
(CS5570) or single-ended (CS5571)
input versions
• Signal-to-noise ratio: 98 dB (CS5570)
• Digital filter near-flat to Nyquist
sampling rate
• 1.8 V to 3.3 V digital and 5 V
or ±2.5 V analog supplies
• Simple three/four-wire digital interface
• 70 mW power consumption (buffers off)
• 24-pin SSOP package;
lead-free assembly

CS5580/81 Features
• High-speed Delta-Sigma A/D converter
• Exceptional 0.1 LSB
nonlinearity error
• 16-bits, no missing codes
• 5 microsecond conversion rate,
no latency
• Self-calibrating architecture maintains
accuracy over time and temperature
• High-impedance buffered, differential
(CS5580) or single-ended (CS5581)
Input versions
• Signal-to-noise ratio: 86 dB (CS5580)
• Digital filter flat to near-Nyquist rate
• 1.8 V to 3.3 V digital and 5 V
or ±2.5 V analog supplies
• Simple three/four-wire digital interface
• 70 mW power consumption (buffers off)
• 24-pin SSOP Package;
lead-free assembly




Similar Part No. - CS5561

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5560 CIRRUS-CS5560 Datasheet
693Kb / 32P
짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
CS5560 CIRRUS-CS5560 Datasheet
583Kb / 32P
짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
CS5560 CIRRUS-CS5560 Datasheet
556Kb / 32P
짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
CS5560-ISZ CIRRUS-CS5560-ISZ Datasheet
693Kb / 32P
짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
CS5560-ISZ CIRRUS-CS5560-ISZ Datasheet
583Kb / 32P
짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
More results


Similar Description - CS5561

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7731 AD-AD7731 Datasheet
411Kb / 44P
Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV.0
logo
Intersil Corporation
HI7191 INTERSIL-HI7191 Datasheet
187Kb / 24P
24-Bit, High Precision, Sigma Delta A/D Converter
1998 03
logo
Analog Devices
AD7739 AD-AD7739 Datasheet
380Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
logo
Intersil Corporation
HI7190 INTERSIL-HI7190_06 Datasheet
471Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
logo
Analog Devices
AN-388 AD-AN-388 Datasheet
595Kb / 5P
USING SIGMA-DELTA CONVERTERS-PART1
AD7731BRUZ AD-AD7731BRUZ Datasheet
1,008Kb / 44P
Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731_15 Datasheet
1,008Kb / 44P
Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7739 AD-AD7739_15 Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
A
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com