Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC608C-TFLXTLS Datasheet (PDF) - Microchip Technology

ATECC608C-TFLXTLS Datasheet PDF - Microchip Technology
Part # ATECC608C-TFLXTLS
Download  ATECC608C-TFLXTLS Download
File Size   2111.85 Kbytes
Page   67 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description ATECC608C-TFLXTLS CryptoAutthentication™

ATECC608C-TFLXTLS Datasheet (PDF)

Go To PDF Page Download Datasheet
ATECC608C-TFLXTLS Datasheet PDF - Microchip Technology

Part # ATECC608C-TFLXTLS
Download  ATECC608C-TFLXTLS Click to download

File Size   2111.85 Kbytes
Page   67 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description ATECC608C-TFLXTLS CryptoAutthentication™

ATECC608C-TFLXTLS Datasheet (HTML) - Microchip Technology


ATECC608C-TFLXTLS Product details

Introduction
The ATECC608C-TFLXTLS is a pre-provisioned variant of the ATECC608C. The ATECC608C provides enhanced
security measures over that of the ATECC608A and ATECC608B. These enhancements also apply to the
ATECC608C-TFLXTLS. The TrustFLEX secure element is part of Microchip’s family of generically provisioned
security-focused devices. The device configuration was designed to make the secure element applicable to
some of the most common use cases in the IoT market, while minimizing the learning and start-up curves
associated with security devices.
The ATECC608C-TFLXTLS configuration is similar to that of the ATECC608C-TNGTLS. Some additional flexibility
and capability has been provided with respect to data loaded into certificate and key slots and the locking
options of those slots. These slot access polices will be set by the Trust Platform Design Suite tools prior to
ordering the ATECC608C-TFLXTLS devices. A Single Wire Interface (SWI) option is also available for this device.
This data sheet provides the slot and key configuration information that is unique to the ATECC608C-TFLXTLS.
This information clearly defines the access policies of each of the data zone slots. Limited command and I/O
operating information has been provided since the devices are to be used with the Trust Platform Development
Suite (TPDS) tools. An application section discussing Microchip’s hardware and software tools that can aid in
developing an application is also provided with additional links to the location of the tools.
Features
• Specified Configuration Zone with limited selectable options.
• I/O Options
– I2C Interface with One-Time Changeable I2C Address
– Single Wire Interface (SWI)
• JIL High Rating – Validated to JIL Application of Attack Potential to Smartcards and Similar Devices, Version 3.1
• Internal High-Quality NIST SP 800-90A/B/C True Random Number Generator (TRNG) NIST CMVP ESV Certified
• One Permanent Primary P-256 Elliptic Curve Cryptography (ECC secp256r1) Private Key Fixed at
Manufacturing Time
• One Internal Sign Private Key for Key Attestation
• Three Secondary P-256 ECC Private Keys that Can Be Regenerated by the User
• Signer Public Key from Signer Certificate
• Public Key Validation Support
• One Customizable Symmetric Secret Key Slot
• IO Protection Key Slot to Protect Interface Communication
• Secure Boot Enabled with Customizable Secure Boot Public Key at Time of Manufacture
• ECDH/KDF Key Slot Capable of Being Used with AES Keys and Commands
• X.509 Compressed Certificate Storage
• Customizable Certificate Storage Slots
• 1.8V to 5.5V IO Levels, 2.0V to 5.5V Supply Voltage
• Standard Industrial Temperature Range: -40℃ to +85℃
• 30 nA nominal Sleep Current
• Available in 8-Pad UDFN and 8-Pin SOIC package options at a 2k MOQ
Use Cases
• Secure IoT TLS 1.2 and 1.3 Connections including custom PKI
• Secure Boot/Secure Firmware Update
• Disposable/Accessory Authentication
• I/P and Data Protection




Similar Part No. - ATECC608C-TFLXTLS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
ATECC608A MICROCHIP-ATECC608A Datasheet
1Mb / 81P
ATECC608A for LoRaWAN™ Data Sheet
Revision B September 2020
ATECC608A MICROCHIP-ATECC608A Datasheet
190Kb / 2P
SAMD21 ML Evaluation Kit with TDK InvenSense 6-axis MEMS
ATECC608A-MAHDA-S MICROCHIP-ATECC608A-MAHDA-S Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
ATECC608A-TNGACTS-B MICROCHIP-ATECC608A-TNGACTS-B Datasheet
1Mb / 81P
ATECC608A for LoRaWAN™ Data Sheet
Revision B September 2020
More results


Similar Description - ATECC608C-TFLXTLS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LAUNCHXL-F280049C TI-LAUNCHXL-F280049C Datasheet
4Mb / 28P
C2000™ Piccolo™ F28004x Series LaunchPad™ Development Kit
June 2018-Revised April 2020
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ_V01 Datasheet
148Kb / 10P
Transil™
09-Jul-2010
logo
3M Electronics
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
3M Electronics
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
logo
Infineon Technologies A...
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com