Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C181 Datasheet (PDF) - Microchip Technology

RE46C181 Datasheet PDF - Microchip Technology
Part # RE46C181
Download  RE46C181 Download
File Size   997.69 Kbytes
Page   54 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory

RE46C181 Datasheet (PDF)

Go To PDF Page Download Datasheet
RE46C181 Datasheet PDF - Microchip Technology

Part # RE46C181
Download  RE46C181 Click to download

File Size   997.69 Kbytes
Page   54 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory

RE46C181 Datasheet (HTML) - Microchip Technology


RE46C181 Product details

Features
• 6-12V Operation
• Low Quiescent Current Consumption
• Programmable Standby Sensitivity
• Programmable HUSH Sensitivity
• Programmable Hysteresis
• Programmable Chamber Voltage for Push-to-Test
(PTT) and Chamber Test
• Programmable ±150 mV Low-Battery Set Point
• Internal Ionization Chamber Test
• Programmable Low Battery Test Duration
• Internal Power-on Reset (POR) and Power-Up
Low Battery Test
• Alarm Memory
• IO Filter and Charge Dump
• Interconnect Up to 40 Detectors
• ±5% All Internal Oscillator
• 9-Minute Timer for Sensitivity Control
• Temporal Horn Pattern
• Guard Outputs for Ion Detector Input
• ±0.75 pA Detect Input Current
• 10-year End of Life Indication
• Chamber Monitor Warning
Description
The RE46C181 is a next generation low-power, CMOS
ionization-type, smoke detector IC. With minimal
external components, this circuit will provide all the
required features for an ionization-type smoke
detector.
An on-chip oscillator strobes power to the smoke
detection circuitry for 5 ms every 10s to keep the
standby current to a minimum.
A check for a low battery condition is performed every
80s and an ionization chamber test is performed once
every 320s when in Standby mode. The temporal horn
pattern complies with the National Fire Protection
Association NFPA 72® National Fire Alarm and
Signaling Code® for emergency evacuation signals.
An interconnect pin allows multiple detectors to be
connected, such that when one unit alarms, all units will
sound. A charge dump feature quickly discharges the
interconnect line when exiting a Local Alarm condition.
The interconnect input is also digitally filtered.
An internal 9-minute timer can be used for a Reduced
Sensitivity mode.
An alarm memory feature allows the user to determine
whether the unit has previously entered a Local Alarm
condition.




Similar Part No. - RE46C181

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C180 MICROCHIP-RE46C180 Datasheet
1Mb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
RE46C180E16F MICROCHIP-RE46C180E16F Datasheet
872Kb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
08/02/11
RE46C180E16FA MICROCHIP-RE46C180E16FA Datasheet
1Mb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
RE46C180S16F MICROCHIP-RE46C180S16F Datasheet
872Kb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
08/02/11
RE46C180S16F MICROCHIP-RE46C180S16F Datasheet
1Mb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
More results


Similar Description - RE46C181

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RE46C122 ETC-RE46C122 Datasheet
173Kb / 9P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode Preliminary Product Specification
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C152 MICROCHIP-RE46C152 Datasheet
255Kb / 12P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select
2009
RE46C162 MICROCHIP-RE46C162 Datasheet
262Kb / 22P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C180S16F MICROCHIP-RE46C180S16F Datasheet
872Kb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
08/02/11
RE46C180 MICROCHIP-RE46C180 Datasheet
1Mb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com