Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP50 Datasheet (PDF) - Inchange Semiconductor Company Limited

BSP50 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BSP50
Download  BSP50 Download
File Size   300.36 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon Darling Transistor

BSP50 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSP50 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BSP50
Download  BSP50 Click to download

File Size   300.36 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon Darling Transistor

BSP50 Datasheet (HTML) - Inchange Semiconductor Company Limited


BSP50 Product details

DESCRIPTION
· Collector-Emitter Breakdown Voltage
-VCEO= 45V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat)=1.3V(Max) @IC= 0.5A
APPLICATIONS
· Designed for use in automotive ignition, switching and
motor control applications




Similar Part No. - BSP50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP50 PHILIPS-BSP50 Datasheet
47Kb / 8P
NPN Darlington transistors
1999 Apr 23
logo
Siemens Semiconductor G...
BSP50 SIEMENS-BSP50 Datasheet
152Kb / 5P
NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BSP50 INFINEON-BSP50 Datasheet
92Kb / 5P
NPN Silicon Darlington Transistors
Nov-30-2001
logo
Fairchild Semiconductor
BSP50 FAIRCHILD-BSP50 Datasheet
41Kb / 3P
NPN Darlington Transistor
logo
NXP Semiconductors
BSP50 NXP-BSP50 Datasheet
126Kb / 7P
NPN Darlington transistors
1999 Apr 23
More results


Similar Description - BSP50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
KEC(Korea Electronics)
KID65081AP KEC-KID65081AP Datasheet
635Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (8 HIGH-VOLTAGE HIGH-CURRENT DARLING TON TRANSISTOR ARRAYS)
KTB1424 KEC-KTB1424 Datasheet
114Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLING TON TRANSISTOR)
MMBTA63 KEC-MMBTA63 Datasheet
184Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLING TON TRANSISTOR)
logo
Central Semiconductor C...
PMD10K CENTRAL-PMD10K Datasheet
151Kb / 1P
SILICON POWER DARLING TRANSISTORSl
logo
NEC
FA1A3Q NEC-FA1A3Q Datasheet
161Kb / 4P
SILICON TRANSISTOR
logo
Rectron Semiconductor
TIP120 RECTRON-TIP120 Datasheet
311Kb / 4P
TO-220 DARLING TRANSISTOR (NPN)
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com