Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP50 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BSP50
Description  Silicon Darling Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BSP50 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BSP50 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BSP50 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BSP50 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Darling Transistor
BSP50
www.iscsemi.com
1
DESCRIPTION
· Collector-Emitter Breakdown Voltage
-VCEO= 45V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat)=1.3V(Max) @IC= 0.5A
APPLICATIONS
· Designed for use in automotive ignition, switching and
motor control applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
45
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
0.8
A
PC
Total Power Dissipation
@ TC=25℃
1.0
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
125
℃
/W


Similar Part No. - BSP50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP50 PHILIPS-BSP50 Datasheet
47Kb / 8P
NPN Darlington transistors
1999 Apr 23
logo
Siemens Semiconductor G...
BSP50 SIEMENS-BSP50 Datasheet
152Kb / 5P
NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BSP50 INFINEON-BSP50 Datasheet
92Kb / 5P
NPN Silicon Darlington Transistors
Nov-30-2001
logo
Fairchild Semiconductor
BSP50 FAIRCHILD-BSP50 Datasheet
41Kb / 3P
NPN Darlington Transistor
logo
NXP Semiconductors
BSP50 NXP-BSP50 Datasheet
126Kb / 7P
NPN Darlington transistors
1999 Apr 23
More results

Similar Description - BSP50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
KEC(Korea Electronics)
KID65081AP KEC-KID65081AP Datasheet
635Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (8 HIGH-VOLTAGE HIGH-CURRENT DARLING TON TRANSISTOR ARRAYS)
KTB1424 KEC-KTB1424 Datasheet
114Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLING TON TRANSISTOR)
MMBTA63 KEC-MMBTA63 Datasheet
184Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLING TON TRANSISTOR)
logo
Central Semiconductor C...
PMD10K CENTRAL-PMD10K Datasheet
151Kb / 1P
SILICON POWER DARLING TRANSISTORSl
logo
NEC
FA1A3Q NEC-FA1A3Q Datasheet
161Kb / 4P
SILICON TRANSISTOR
logo
Rectron Semiconductor
TIP120 RECTRON-TIP120 Datasheet
311Kb / 4P
TO-220 DARLING TRANSISTOR (NPN)
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com