Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL3585VE Datasheet (PDF) - NVE Corporation

IL3585VE Datasheet PDF - NVE Corporation
Part # IL3585VE
Download  IL3585VE Download
File Size   272.03 Kbytes
Page   16 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description High Speed Isolated RS-485 Transceivers

IL3585VE Datasheet (PDF)

Go To PDF Page Download Datasheet
IL3585VE Datasheet PDF - NVE Corporation

Part # IL3585VE
Download  IL3585VE Click to download

File Size   272.03 Kbytes
Page   16 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description High Speed Isolated RS-485 Transceivers

IL3585VE Datasheet (HTML) - NVE Corporation


IL3585VE Product details

Features
• 40 Mbps data rate
• 6 kVRMS Reinforced Isolation / 12.8 kV surge / 1.2 kVRMS WV (IL3585VE)
• 3 V to 5 V power supplies
• 20 ns propagation delay
• 5 ns pulse skew
• 50 kV/μs typ.; 30 kV/μs min. common mode transient immunity
• 44000 year barrier life
• 15 kV bus ESD protection
• Low EMC footprint
• Thermal shutdown protection
• −40 °C to +85 °C temperature range
• Meets or exceeds ANSI RS-485 and ISO 8482:1987(E)
• IEC 60747-17 (VDE 0884-17):2021-10 certified; UL 1577 recognized
• 0.15" or 0.3" True 8™ 16-pin SOIC packages
Applications
• Factory automation
• Industrial control networks
• Building environmental controls
• Equipment covered under IEC 61010-1 Edition 3
• 5 kVRMS rated IEC 60601-1 medical applications




Similar Part No. - IL3585VE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL3585 ETC1-IL3585 Datasheet
327Kb / 8P
PROFIBUS Compatible Isolated RS485 Interface
IL3585E ETC1-IL3585E Datasheet
327Kb / 8P
PROFIBUS Compatible Isolated RS485 Interface
IL3585ETR13 ETC1-IL3585ETR13 Datasheet
327Kb / 8P
PROFIBUS Compatible Isolated RS485 Interface
IL3585TR13 ETC1-IL3585TR13 Datasheet
327Kb / 8P
PROFIBUS Compatible Isolated RS485 Interface
More results


Similar Description - IL3585VE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
August 2004
logo
Texas Instruments
SN65HVD05 TI-SN65HVD05 Datasheet
220Kb / 19P
HIGH OUTPUT RS-485 TRANSCEIVERS
SN65HVD05 TI-SN65HVD05_07 Datasheet
475Kb / 24P
HIGH OUTPUT RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Holt Integrated Circuit...
HI-4853H HOLTIC-HI-4853H Datasheet
1Mb / 14P
3.3/5V, High-Speed RS-485/422 Transceivers with
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
logo
Advantech Co., Ltd.
BB-485OPDR-HS ADVANTECH-BB-485OPDR-HS Datasheet
571Kb / 2P
High-Speed, Isolated RS-422/485 Repeater
logo
Renesas Technology Corp
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com