Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT9137FN Datasheet (PDF) - ITE Tech.Inc.

IT9137FN Datasheet PDF - ITE Tech.Inc.
Part # IT9137FN
Download  IT9137FN Download
File Size   457.21 Kbytes
Page   22 Pages
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.
Description DVB-T Front-End Integrated Receiver

IT9137FN Datasheet (PDF)

Go To PDF Page Download Datasheet
IT9137FN Datasheet PDF - ITE Tech.Inc.

Part # IT9137FN
Download  IT9137FN Click to download

File Size   457.21 Kbytes
Page   22 Pages
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.
Description DVB-T Front-End Integrated Receiver

IT9137FN Datasheet (HTML) - ITE Tech.Inc.


IT9137FN Product details

Applications
• USB stick, Mini Card, Half-Mini Card, and
Express Card to enable TV functions for
desktops and notebooks
• DVB-T Set-Top Boxes
• Integrated digital DVB-T televisions
• Cellular phone and PDA with mobile TV built-in
• Personal Navigation Device (PND) with TV
built-in
• Portable digital TVs or Media Players (PMP) with
TV functions
• Mobile DVB-T receivers with dual antennas
(diversity receptions)
• Digital Photo Frame with digital TV built-in

Features
 Integrated RF Tuner for DVB-T
− Built-in RF tuner to support DVB-T receptions
at UHF band and VHF band.
− Zero-IF direct conversion architecture to
achieve low power consumption.
− Single-ended RF input eliminates the
requirement of Balun.
− No external SAW filter is required.
− Integrated LNA with low noise figure to meet
MBRAI 2.0 requirement and achieve superior
sensitivity performance without the need of
external LNA.
− Integrated Received Signal Strength Indicator
(RSSI) for precise AGC adjustment in the
environments with Adjacent Channel
Interferences (ACI).
− Automatic RF/BB AGC gain distribution to
properly compromise the performance between
noise and linearity.




Similar Part No. - IT9137FN

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
IT9100-C0 PANDUIT-IT9100-C0 Datasheet
40Kb / 3P
IN-LINE Cable Tie, 6.8", Light-Heavy cross section
IT9100-CUV2 PANDUIT-IT9100-CUV2 Datasheet
41Kb / 3P
IN-LINE Cable Tie, 14.1", Light-Heavy cross section
IT9100-CUV4Y PANDUIT-IT9100-CUV4Y Datasheet
41Kb / 3P
IN-LINE Cable Tie, 14.1", Light-Heavy cross section
IT9100-CUV7A PANDUIT-IT9100-CUV7A Datasheet
41Kb / 3P
IN-LINE Cable Tie, 14.1", Light-Heavy cross section
IT9115-C0 PANDUIT-IT9115-C0 Datasheet
40Kb / 3P
IN-LINE Cable Tie, 15.3", Light-Heavy cross section
More results


Similar Description - IT9137FN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA10045H PHILIPS-TDA10045H Datasheet
94Kb / 20P
DVB-T channel receiver
2001 Nov 08
logo
Sony Corporation
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
DVB-S Front-end IC (QPSK demodulator FEC)
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
GPS Receiver RF Front End
logo
List of Unclassifed Man...
DRP3510 ETC-DRP3510 Datasheet
450Kb / 30P
Digital Receiver Front-end
logo
Infineon Technologies A...
SQC6100 INFINEON-SQC6100 Datasheet
86Kb / 2P
TERRESTRIAL RECEIVER FOR DVB - T
1999-06-21
logo
Motorola, Inc
MC13062 MOTOROLA-MC13062 Datasheet
189Kb / 2P
FM RECEIVER FRONT END
logo
Silicon Laboratories
SI2115 SILABS-SI2115 Datasheet
65Kb / 2P
Digital TV Receiver for DVB-T/C
logo
NXP Semiconductors
AFRX5G272 NXP-AFRX5G272 Datasheet
383Kb / 14P
RF Front--End Receiver Module
Rev. 0, 07/2020
logo
List of Unclassifed Man...
VES9600 ETC1-VES9600 Datasheet
100Kb / 11P
SINGLE CHIP DVB-T CHANNEL RECEIVER
Rev1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com