Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0915849 Datasheet (PDF) - PHOENIX CONTACT

0915849 Datasheet PDF - PHOENIX CONTACT
Part # 0915849
Download  0915849 Download
File Size   192.65 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMCP 1 M1 300 12,0A - Thermal-magnetic device circuit breaker

0915849 Datasheet (PDF)

Go To PDF Page Download Datasheet
0915849 Datasheet PDF - PHOENIX CONTACT

Part # 0915849
Download  0915849 Click to download

File Size   192.65 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMCP 1 M1 300 12,0A - Thermal-magnetic device circuit breaker

0915849 Datasheet (HTML) - PHOENIX CONTACT


0915849 Product details

Thermal-magnetic circuit breaker, 1-pos., normal blow, 1 N/O contact and 1 N/C contact




Similar Part No. - 0915849

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0915810 PHOENIX-0915810 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 M1 300 6.0A
11.06.2012
0915823 PHOENIX-0915823 Datasheet
192Kb / 6P
TMCP 1 M1 300 8,0A - Thermal-magnetic device circuit breaker
0915836 PHOENIX-0915836 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 M1 300 10.0A
11.06.2012
0915852 PHOENIX-0915852 Datasheet
192Kb / 6P
TMCP 1 M1 300 16,0A - Thermal-magnetic device circuit breaker
More results


Similar Description - 0915849

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0916123 PHOENIX-0916123 Datasheet
59Kb / 4P
Thermomagnetic device circuit breaker - TMCP 2 M1 300 2,0A
0916149 PHOENIX-0916149 Datasheet
59Kb / 4P
Thermomagnetic device circuit breaker - TMCP 2 M1 300 3,0A
0916178 PHOENIX-0916178 Datasheet
59Kb / 4P
Thermomagnetic device circuit breaker - TMCP 2 M1 300 6,0A
0916194 PHOENIX-0916194 Datasheet
59Kb / 4P
Thermomagnetic device circuit breaker - TMCP 2 M1 300 10,0A
0916217 PHOENIX-0916217 Datasheet
59Kb / 4P
Thermomagnetic device circuit breaker - TMCP 2 M1 300 16,0A
0915658 PHOENIX-0915658 Datasheet
55Kb / 4P
Thermomagnetic device circuit breaker - TMCP 1 F1 300 10,0A
2/3/14
0915674 PHOENIX-0915674 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 F1 300 16,0A
11.06.2012
0915784 PHOENIX-0915784 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 M1 300
11.06.2012
0915810 PHOENIX-0915810 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 M1 300 6.0A
11.06.2012
0915836 PHOENIX-0915836 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 M1 300 10.0A
11.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com