Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM-CAN Datasheet (PDF) - Campbell Scientific United Kingdom

SDM-CAN Datasheet PDF - Campbell Scientific United Kingdom
Part # SDM-CAN
Download  SDM-CAN Download
File Size   666.55 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Datalogger-to-CANbus Interface Module

SDM-CAN Datasheet (PDF)

Go To PDF Page Download Datasheet
SDM-CAN Datasheet PDF - Campbell Scientific United Kingdom

Part # SDM-CAN
Download  SDM-CAN Click to download

File Size   666.55 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Datalogger-to-CANbus Interface Module

SDM-CAN Datasheet (HTML) - Campbell Scientific United Kingdom


SDM-CAN Product details

Benefits and Features
Supports various CAN modes
Uses latest Philips Can controller
Can be used in many networking applications, including vehicle testing

Technical Description
CANbus data can be stored (and synchronized) with other data values measured directly by the datalogger, allowing testing and verification of CANbus-based data alongside measurements made independentlviya the datalogger's input channels. The SDM-CAN also supports transmission of data onto a CANbus network.
The SDM-CAN uses the latest Philips SJA1000 CAN controller clocked at 16 MHz; CAN 2.0A and 2.0B active and passive modes are supported, which includes SAE J1939. The
CANbus protocol is used in a numbeorf networking applications, including vehicle data acquisition systems (VDAS).
The SDM-CAN can act as a passive “listen-only” device, poll remote devices for data, or act as a sensor. To poll remote devices it sends or responds to Remote Frame Requests. It acts as a sensor by sending data packets to the CANbus network. The SDM-CAN supports baud rates up to 1 MB (1 M, 800 k, 500 k, 250k, 125k, 50k, 20 k, and lower). Non-standard baud rates may be possible. CAN data frames can also be built and sent.
The datalogger enables individual modules through an addressing scheme; up to 15 SDM-CANSs can be connected to one datalogger.




Similar Part No. - SDM-CAN

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
SDM-CD16ACA CAMPBELL-SDM-CD16ACA Datasheet
523Kb / 2P
16-Channel AC/DC Relay Controller
05/04/2022
SDM-CD16D CAMPBELL-SDM-CD16D Datasheet
509Kb / 2P
16-Channel Digital Control Port Module
08/05/2020
SDM-CD16S CAMPBELL-SDM-CD16S Datasheet
570Kb / 2P
16-Channel Solid-State DC Controller
08/13/2020
SDM-CD8S CAMPBELL-SDM-CD8S Datasheet
660Kb / 2P
Eight-Channel Solid-State DC Controller
08/01/2023
SDM-CVO4 CAMPBELL-SDM-CVO4 Datasheet
576Kb / 2P
4-Channel Current and Voltage Output Module
08/05/2020
More results


Similar Description - SDM-CAN

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GSCB6-C GPSEMI-GSCB6-C Datasheet
204Kb / 2P
RS485 & CANBUS communication interface board.
logo
Extech Instruments Corp...
EX540 EXTECH-EX540 Datasheet
412Kb / 1P
MultiMeter/Datalogger with Wireless PC Interface
EX542 EXTECH-EX542 Datasheet
412Kb / 1P
MultiMeter/Datalogger with Wireless PC Interface
logo
Advantech Co., Ltd.
MOS-2230-Z1201E ADVANTECH-MOS-2230-Z1201E_15 Datasheet
296Kb / 1P
CANBus iDoor Module
logo
Bourns Electronic Solut...
CDSOT23-T24CAN BOURNS-CDSOT23-T24CAN Datasheet
505Kb / 6P
CANbus Protector
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61U-000E AVAGO-ACPL-M61U-000E Datasheet
255Kb / 9P
CANBus Communications Interface
ACPL-M71U AVAGO-ACPL-M71U Datasheet
103Kb / 11P
Industrial CANBus communications interface
logo
Green Power Solutions s...
GSCB6-C GPSEMI-GSCB6-C_17 Datasheet
176Kb / 2P
RS485 & CANBUS communication
logo
Schneider Electric
HMIYMINCAN1 SCHNEIDER-HMIYMINCAN1 Datasheet
106Kb / 2P
CANopen/CANBus interface, Harmony iPC, Mini PCIe 2xCanOpen/CanBus for
May 6, 2022
logo
Advantech Co., Ltd.
EMCB-200U ADVANTECH-EMCB-200U Datasheet
777Kb / 1P
USB to 2-Ch CANBus Port Module
22-Feb-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com