Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3213 Datasheet (PDF) - Toshiba Semiconductor

TLP3213 Datasheet PDF - Toshiba Semiconductor
Part # TLP3213
Download  TLP3213 Download
File Size   248.66 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description a super small-outline photorelay, suitable for surface-mount assembly

TLP3213 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3213 Datasheet PDF - Toshiba Semiconductor

Part # TLP3213
Download  TLP3213 Click to download

File Size   248.66 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description a super small-outline photorelay, suitable for surface-mount assembly

TLP3213 Datasheet (HTML) - Toshiba Semiconductor


TLP3213 Product details

Measuring Instruments
Logic IC Testers / Memory Testers
Board Testers / Scanners

The TOSHIBA TLP3213 is an ultra-small photorelay suitable for surface-mount assembly. The TLP3213 consists of a GaAs infrared-emitting diode optically coupled to a photo-MOSFET and is housed in a 4-pin package.
Its features include low Off-state current and low output pin capacitance, enabling it to be used for high-frequency measuring instrument applications.

Features
• 4-pin SSOP (SSOP4): 1.8-mm high, 1.27-mm pitch
• 1-Form-A
• Peak Off-State Voltage: 40 V (min)
• Trigger LED Current: 4 mA (max)
• On-State Current: 80 mA (max)
• On-State Resistance: 35 Ω (max), 25 Ω (typ.)
• Output Capacitance: 1.4 pF (max), 0.6 pF (typ.)
• Isolation Voltage: 1500 Vrms (min)




Similar Part No. - TLP3213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3213 TOSHIBA-TLP3213 Datasheet
184Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
PHOTOCOUPLER PHOTO RELAY
More results


Similar Description - TLP3213

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL205AT SIEMENS-IL205AT Datasheet
87Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215A SIEMENS-IL215A Datasheet
70Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221A SIEMENS-IL221A Datasheet
53Kb / 3P
PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Fairchild Semiconductor
MOC215 FAIRCHILD-MOC215 Datasheet
495Kb / 9P
SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
MOC215-M FAIRCHILD-MOC215-M Datasheet
492Kb / 9P
SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Toshiba Semiconductor
TLP3904 TOSHIBA-TLP3904 Datasheet
241Kb / 7P
a small outline coupler, suitable for surface mount assembly
01-Oct-2007
logo
Samsung semiconductor
RC1608F332CS SAMSUNG-RC1608F332CS Datasheet
791Kb / 2P
Suitable size and packaging for surface mount assembly
logo
ISOCOM COMPONENTS
MOCD207 ISOCOM-MOCD207 Datasheet
63Kb / 2P
Super Small Outline
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com