Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS15 Datasheet (PDF) - Toshiba Semiconductor

CMS15 Datasheet PDF - Toshiba Semiconductor
Part # CMS15
Download  CMS15 Download
File Size   189.42 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Mode Power Supply Applications

CMS15 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMS15 Datasheet PDF - Toshiba Semiconductor

Part # CMS15
Download  CMS15 Click to download

File Size   189.42 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Mode Power Supply Applications

CMS15 Datasheet (HTML) - Toshiba Semiconductor


CMS15 Product details

Switching Mode Power Supply Applications(Output voltage: ≤12 V)



DC/DC Converter Applications

•  Forward voltage: VFM= 0.58 V (max)

•  Average forward current: IF (AV)= 3.0 A

•  Repetitive peak reverse voltage: VRRM= 60 V

•  Suitable for compact assembly due to small surface-mount package

   “M−FLATTM” (Toshiba package name)



 




Similar Part No. - CMS15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS15I40A TOSHIBA-CMS15I40A Datasheet
278Kb / 7P
Schottky Barrier Diode
logo
Comchip Technology
CMS15P03Q8-HF COMCHIP-CMS15P03Q8-HF Datasheet
532Kb / 5P
MOSFET
REV:C
logo
Toshiba Semiconductor
CMS15 TOSHIBA-CMS15_13 Datasheet
179Kb / 5P
TOSHIBA Schottky Barrier Diode
More results


Similar Description - CMS15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
20JL2C41 TOSHIBA-20JL2C41_06 Datasheet
249Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATIONS
CLH02 TOSHIBA-CLH02 Datasheet
202Kb / 5P
Switching Mode Power Supply Applications
CLH07 TOSHIBA-CLH07 Datasheet
201Kb / 5P
Switching Mode Power Supply Applications
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
Switching Mode Power Supply Applications
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
Switching Mode Power Supply Applications
CMS14 TOSHIBA-CMS14_06 Datasheet
143Kb / 5P
Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
Switching Mode Power Supply Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com