Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS15 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CMS15
Description  Switching Mode Power Supply Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS15 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CMS15 Datasheet HTML 1Page - Toshiba Semiconductor CMS15 Datasheet HTML 2Page - Toshiba Semiconductor CMS15 Datasheet HTML 3Page - Toshiba Semiconductor CMS15 Datasheet HTML 4Page - Toshiba Semiconductor CMS15 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMS15
2006-11-13
3
Device mounted on a ceramic board:
board size: 50 mm
× 50 mm
soldering land:
2 mm
× 2 mm
board thickness:
0.64 t
Pulse test
Tj = 150°C
25°C
0.01
0.0
0.2
0.4
0.6
0.8
1.0
1.4
0.1
1
100
0.03
0.05
0.3
0.5
3
5
75°C
125°C
1.2
10
30
50
Instantaneous forward voltage vF
(V)
iF – vF
Average forward current IF (AV) (A)
PF (AV) – IF (AV)
Average forward current IF (AV) (A)
Tℓ max – IF (AV)
Average forward current IF (AV) (A)
Ta max – IF (AV)
1000
1
100
10
0.001
1000
0.01
0.1
100
10
1
3
5
30
50
300
500
0.003
0.03
0.3
3
30
300
Time t (s)
rth (j-a) – t
α = 60°
DC
0.0
0.0
0.8
1.6
2.4
3.2
4.0
1.2
0.4
0.8
2.4
180°
120°
1.6
60
0
20
40
80
100
120
140
160
0.4
0
0.8 1.2
2.0
2.4
1.6
2.8
4.4
DC
180°
120°
α = 60°
60
0
20
40
80
100
120
140
160
0.4
0
0.8
1.2
2.0 2.4
1.6
2.8
4.4
DC
α = 60°
180°
120°
2.0
3.2
3.6 4.0
3.2
3.6 4.0
360°
0°
Rectangular
waveform
α
Conduction angle
α
360°
0°
α
VR = 30 V
IF (AV)
Conduction
angle
α
Rectangular
waveform
360°
0°
α
VR = 30 V
IF (AV)
Conduction
angle
α
Rectangular
waveform
Device mounted on a glass-epoxy board:
board size: 50 mm
× 50 mm
Soldering land: 2.1 mm
× 1.4 mm
board thickness: 1.6 t
Device mounted on a ceramic board:
board size: 50 mm
× 50 mm
Soldering land: 2.0 mm
× 2.0 mm
board thickness: 0.64 t
Device mounted on a glass-epoxy board:
board size: 50 mm
× 50 mm
Soldering land: 6.0 mm
× 6.0 mm
board thickness: 1.6 t



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com