Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3680 Datasheet (PDF) - Intersil Corporation

ISL3680 Datasheet PDF - Intersil Corporation
Part # ISL3680
Download  ISL3680 Download
File Size   44.9 Kbytes
Page   1 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Direct Conversion Transceiver

ISL3680 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL3680 Datasheet PDF - Intersil Corporation

Part # ISL3680
Download  ISL3680 Click to download

File Size   44.9 Kbytes
Page   1 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Direct Conversion Transceiver

ISL3680 Datasheet (HTML) - Intersil Corporation


ISL3680 Product details

Direct Conversion Transceiver



The Intersil ISL3680 is a highly integrated UHF2 process, direct conversion transceiver and is part of a 2.4GHz, IEEE802.11b/g compliant radio chipset. The ISL3680 directly interfaces with Intersil’s ISL3880 Medium Access Controller with Integrated Baseband processor. The addition of Intersil’s ISL3980 power amplifier and ISL3090

10GHz VCO completes a WLAN transceiver application.



Features

• Highly integrated Dual Band RF to baseband solution

• Frequency of operation . . . . . . . . . . . . . . . . 2.4 to 2.5GHz

• Low supply operation . . . . . . . . . . . . . . . . . . . . 2.7 to 3.3V

• Noise figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.4dB

• TX OFDM Output Power . . . . . . . . . . . . . . . . . . . . .-5dBm

• TX I/Q MTPR, PAR=12 . . . . . . . . . . . . . . . . . . . . . . -45dB

• RX Voltage gain . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 74dB

• RX I/Q MTPR, PAR=12, High Gain . . . . . . . . . . . . . -35dB

• TX/RX switching speed . . . . . . . . . . . . . . . . . . . . . . .<1µS

• Direct simple interface to ISL3880



Applications

• PC card wireless LAN adapters

• High data rate wirelessLAN systems targeting IEEE802.11 b/g standards

• Spread spectrum Dual Band WLAN RF modems

• TDMA or CSMA packet protocol Dual Band radios

• PCI wireless LAN cards

• ISA, ISA PnP WLAN cards




Similar Part No. - ISL3680

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
Direct Down Conversion Transceiver
March 2002
ISL3685 INTERSIL-ISL3685 Datasheet
199Kb / 19P
2.4GHz RF/IF Converter and Synthesizer
January 2001
ISL3685IR INTERSIL-ISL3685IR Datasheet
199Kb / 19P
2.4GHz RF/IF Converter and Synthesizer
January 2001
ISL3685IR96 INTERSIL-ISL3685IR96 Datasheet
199Kb / 19P
2.4GHz RF/IF Converter and Synthesizer
January 2001
More results


Similar Description - ISL3680

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3690 INTERSIL-ISL3690 Datasheet
36Kb / 1P
Dual Band Direct Conversion Transceiver
March 2003
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
DIRECT CONVERSION SATELLITE TUNER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
Direct Conversion Receiver
logo
Intersil Corporation
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
Direct Down Conversion Transceiver
March 2002
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
Direct-Conversion TV Tuner
Rev 0; 7/06
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
Direct-Conversion Tuner IC
Rev 1; 6/05
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
Direct-Conversion TV Tuner
Rev 6; 11/08
logo
Asahi Kasei Microsystem...
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
Direct Conversion Transceiver
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
Direct Conversion Transceiver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com