Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3690 Datasheet (PDF) - Intersil Corporation

ISL3690 Datasheet PDF - Intersil Corporation
Part # ISL3690
Download  ISL3690 Download
File Size   36.65 Kbytes
Page   1 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Band Direct Conversion Transceiver

ISL3690 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL3690 Datasheet PDF - Intersil Corporation

Part # ISL3690
Download  ISL3690 Click to download

File Size   36.65 Kbytes
Page   1 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Band Direct Conversion Transceiver

ISL3690 Datasheet (HTML) - Intersil Corporation


ISL3690 Product details

Dual Band Direct Conversion Transceiver

The Intersil ISL3690 is a highly integrated UHF2 process, DUAL BAND direct conversion transceiver and is part of a 2.4/5.2GHz, IEEE802.11a/b/g compliant radio chipset. The ISL3690 directly interfaces with Intersil’s ISL3890 Medium Access Controller with Integrated Baseband processor. The addition of Intersil’s ISL3990 power amplifier and ISL3090 10GHz VCO completes a WLAN transceiver application.

Features
• Highly integrated Dual Band RF to baseband solution
• Frequency of operation. 2.4 to 2.5GHz or 5.15 to 5.35GHz
• Low supply operation . . . . . . . . . . . . . . . . . . . . 2.7 to 3.3V
• Noise figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.4dB
• TX OFDM Output Power . . . . . . . . . . . . . . . . . . . . .-5dBm
• TX I/Q MTPR, PAR=12 . . . . . . . . . . . . . . . . . . . . . . -45dB
• RX Voltage gain . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 74dB
• RX I/Q MTPR, PAR=12, High Gain . . . . . . . . . . . . . -35dB
• TX/RX switching speed . . . . . . . . . . . . . . . . . . . . . . . <1µs
• Direct simple interface to ISL3890
• QFN Package:
    - Compliant to JEDEC PUB95 MO-220
        QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves
        PCB efficiency and has a thinner profile

Applications
• PC card wireless LAN adapters
• High data rate wireless LAN systems targeting IEEE802.11 a/b/g standards
• Spread spectrum Dual Band WLAN RF modems
• TDMA or CSMA packet protocol Dual Band radios
• PCI wireless LAN cards
• ISA, ISA PnP WLAN cards




Similar Part No. - ISL3690

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL36111 INTERSIL-ISL36111 Datasheet
299Kb / 8P
11.1Gb/s Lane Extender
November 19, 2009
logo
Renesas Technology Corp
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
11.1Gb/s Lane Extender
logo
Intersil Corporation
ISL36111DRZ-T7 INTERSIL-ISL36111DRZ-T7 Datasheet
299Kb / 8P
11.1Gb/s Lane Extender
November 19, 2009
logo
Renesas Technology Corp
ISL36111DRZ-T7 RENESAS-ISL36111DRZ-T7 Datasheet
648Kb / 9P
11.1Gb/s Lane Extender
logo
Intersil Corporation
ISL36111DRZ-TS INTERSIL-ISL36111DRZ-TS Datasheet
299Kb / 8P
11.1Gb/s Lane Extender
November 19, 2009
More results


Similar Description - ISL3690

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
DIRECT CONVERSION SATELLITE TUNER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
Direct Conversion Receiver
logo
Intersil Corporation
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
Direct Down Conversion Transceiver
March 2002
logo
RF Micro Devices
RF2926 RFMD-RF2926 Datasheet
342Kb / 10P
UHF DUAL CONVERSION TRANSCEIVER
logo
Intersil Corporation
ISL3680 INTERSIL-ISL3680 Datasheet
44Kb / 1P
Direct Conversion Transceiver
March 2003
logo
Radiometrix Ltd
RMX2 RADIOMETRIX-RMX2 Datasheet
321Kb / 12P
Narrow Band Direct Interface Multi Channel Transceiver
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
logo
Asahi Kasei Microsystem...
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
Direct Conversion Transceiver
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
Direct Conversion Transceiver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com