Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL36111 Datasheet (PDF) - Intersil Corporation

ISL36111 Datasheet PDF - Intersil Corporation
Part # ISL36111
Download  ISL36111 Download
File Size   299.07 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 11.1Gb/s Lane Extender

ISL36111 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL36111 Datasheet PDF - Intersil Corporation

Part # ISL36111
Download  ISL36111 Click to download

File Size   299.07 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 11.1Gb/s Lane Extender

ISL36111 Datasheet (HTML) - Intersil Corporation


ISL36111 Product details

ISL36111
The ISL36111 is a settable single-channel receive-side equalizer with extended functionality for advanced protocols operating with line rates up to 11.1Gb/s such as 10G Ethernet. The ISL36111 compensates for the frequency dependent attenuation of copper twin-axial cables, extending the signal reach up to at least 10m on 28AWG cable.

Features
• Supports data rates up to 11.1Gb/s
• Low power (~110mW)
• Low latency (<500ps)
• Single channel equalizer in a 3mmx3mm QFN package for straight route-through architecture and simplified routing
• Adjustable equalizer boost
• Supports 64b/66b encoded data – long run lengths
• Line silence preservation
• 1.2V supply voltage
• Loss of Signal support

Applications
• SFP+ active copper cable modules
• QSFP active copper cable modules
• 10G Ethernet
• Fibre Channel
• High-speed active cable assemblies
• High-speed printed circuit board (PCB) traces

Benefits
• Thinner gauge cable
• Extends cable reach greater than 3x
• Improved BER




Similar Part No. - ISL36111

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
11.1Gb/s Lane Extender
ISL36111DRZ-T7 RENESAS-ISL36111DRZ-T7 Datasheet
648Kb / 9P
11.1Gb/s Lane Extender
ISL36111DRZ-TS RENESAS-ISL36111DRZ-TS Datasheet
648Kb / 9P
11.1Gb/s Lane Extender
More results


Similar Description - ISL36111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
Quad Lane Extender
November 19, 2009
QLX111GRX INTERSIL-QLX111GRX Datasheet
467Kb / 10P
11.1Gb/s Lane Extender
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
Quad Lane Extender
March 25, 2010
QLX4600-SL30 INTERSIL-QLX4600-SL30 Datasheet
1,011Kb / 23P
Quad Lane Extender
logo
Renesas Technology Corp
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
11.1Gb/s Lane Extender
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
Quad Lane Extender
QLX111GRX RENESAS-QLX111GRX Datasheet
590Kb / 10P
11.1Gb/s Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
DisplayPort Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
Quad Lane Extender
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
Quad Lane Extender
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com