Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLX111GRX Datasheet (PDF) - Intersil Corporation

QLX111GRX Datasheet PDF - Intersil Corporation
Part # QLX111GRX
Download  QLX111GRX Download
File Size   467.74 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 11.1Gb/s Lane Extender

QLX111GRX Datasheet (PDF)

Go To PDF Page Download Datasheet
QLX111GRX Datasheet PDF - Intersil Corporation

Part # QLX111GRX
Download  QLX111GRX Click to download

File Size   467.74 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 11.1Gb/s Lane Extender

QLX111GRX Datasheet (HTML) - Intersil Corporation


QLX111GRX Product details

QLx111GRx

The QLx111GRx is a settable single-channel receive-side equalizer with extended functionality for advanced protocols operating with line rates up to 11.1Gb/s such as 10G Ethernet (10GBase-CR). The QLx111GRx compensates for the frequency dependent attenuation of copper twin-axial cables, extending the signal reach up to at least 10m on 28AWG cable.

The small form factor, highly-integrated design is ideal for high-density data transmission applications including active copper cable assemblies. The equalizing filter within the QLx111GRx can be set to provide optimal signal fidelity for a given media and length. The compensation level for the filter is set by two external control pins.



Features

• Supports data rates up to 11.1Gb/s

• Low power (<135mW)

• Low latency (<500ps)

• Single channel equalizer in a 3mmx3mm QFN package for straight route-through architecture and simplified routing

• Adjustable equalizer boost

• Supports 64b/66b encoded data – long run lengths

• Line silence preservation

• 1.2V supply voltage

• LOS support



Applications

• SFP+ active copper cable modules

• QSFP active copper cable modules

• 10G Ethernet (10GBase-CR)

• XFI

• 40G Ethernet (40GBase-CR4)

• Fibre Channel

• High-speed active cable assemblies

• High-speed printed circuit board (PCB) traces



Benefits

• Thinner gauge cable

• Extends cable reach greater than 3x

• Improved BER



 




Similar Part No. - QLX111GRX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QLX111GRX RENESAS-QLX111GRX Datasheet
590Kb / 10P
11.1Gb/s Lane Extender
More results


Similar Description - QLX111GRX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL36111 INTERSIL-ISL36111 Datasheet
299Kb / 8P
11.1Gb/s Lane Extender
November 19, 2009
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
Quad Lane Extender
November 19, 2009
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
Quad Lane Extender
March 25, 2010
QLX4600-SL30 INTERSIL-QLX4600-SL30 Datasheet
1,011Kb / 23P
Quad Lane Extender
logo
Renesas Technology Corp
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
11.1Gb/s Lane Extender
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
Quad Lane Extender
QLX111GRX RENESAS-QLX111GRX Datasheet
590Kb / 10P
11.1Gb/s Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
DisplayPort Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
Quad Lane Extender
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
Quad Lane Extender
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com