Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL36111 Datasheet (PDF) - Renesas Technology Corp

ISL36111 Datasheet PDF - Renesas Technology Corp
Part # ISL36111
Download  ISL36111 Download
File Size   648.51 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 11.1Gb/s Lane Extender

ISL36111 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL36111 Datasheet PDF - Renesas Technology Corp

Part # ISL36111
Download  ISL36111 Click to download

File Size   648.51 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 11.1Gb/s Lane Extender

ISL36111 Datasheet (HTML) - Renesas Technology Corp


ISL36111 Product details

The ISL36111 is a settable single-channel receive-side equalizer with extended functionality for advanced protocols operating with line rates up to 11.1Gb/s, such as 10G Ethernet. The ISL36111 compensates for the frequency dependent attenuation of copper twin-axial cables, extending the signal reach up to at least 10m on 28AWG cable.

Features
• Supports data rates up to 11.1Gb/s
• Low power (~110mW)
• Low latency (<500ps)
• Single channel equalizer in a 3mmx3mm QFN package for straight route-through architecture and simplified routing
• Adjustable equalizer boost
• Supports 64b/66b encoded data – long run lengths
• Line silence preservation
• 1.2V supply voltage
• Loss of Signal support

Applications
• SFP+ active copper cable modules
• QSFP active copper cable modules
• 10G Ethernet
• Fibre Channel
• High-speed active cable assemblies
• High-speed printed circuit board (PCB) traces

Benefits
• Thinner gauge cable
• Extends cable reach greater than 3x
• Improved BER




Similar Part No. - ISL36111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL36111 INTERSIL-ISL36111 Datasheet
299Kb / 8P
11.1Gb/s Lane Extender
November 19, 2009
ISL36111DRZ-T7 INTERSIL-ISL36111DRZ-T7 Datasheet
299Kb / 8P
11.1Gb/s Lane Extender
November 19, 2009
ISL36111DRZ-TS INTERSIL-ISL36111DRZ-TS Datasheet
299Kb / 8P
11.1Gb/s Lane Extender
November 19, 2009
More results


Similar Description - ISL36111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL36111 INTERSIL-ISL36111 Datasheet
299Kb / 8P
11.1Gb/s Lane Extender
November 19, 2009
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
Quad Lane Extender
November 19, 2009
QLX111GRX INTERSIL-QLX111GRX Datasheet
467Kb / 10P
11.1Gb/s Lane Extender
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
Quad Lane Extender
March 25, 2010
QLX4600-SL30 INTERSIL-QLX4600-SL30 Datasheet
1,011Kb / 23P
Quad Lane Extender
logo
Renesas Technology Corp
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
Quad Lane Extender
QLX111GRX RENESAS-QLX111GRX Datasheet
590Kb / 10P
11.1Gb/s Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
DisplayPort Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
Quad Lane Extender
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
Quad Lane Extender
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com