Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3215 Datasheet (PDF) - Toshiba Semiconductor

TLP3215 Datasheet PDF - Toshiba Semiconductor
Part # TLP3215
Download  TLP3215 Download
File Size   248.78 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOGIC IC TESTERS / MEMORY TESTERS

TLP3215 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3215 Datasheet PDF - Toshiba Semiconductor

Part # TLP3215
Download  TLP3215 Click to download

File Size   248.78 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOGIC IC TESTERS / MEMORY TESTERS

TLP3215 Datasheet (HTML) - Toshiba Semiconductor


TLP3215 Product details

Measuring Instruments
Logic IC Testers / Memory Testers
Board Testers / Scanners

The TOSHIBA TLP3215 is an ultra-small photorelay suitable for surfacemount assembly. The TLP3215 consists of an infrared emitting diode optically coupled to a photo-MOSFET and is housed in a 4-pin package.
The TLP3215 features low CR product and extremely low On-state resistance, allowing high On-state current.
Its features also include low Off-state current and low output pin capacitance, enabling it to be used for high-frequency measuring instrument applications.

Features
• 4-pin SSOP (SSOP4): 1.8 mm high, 1.27 mm pitch
• 1-Form-A
• Peak Off-State Voltage: 40 V (min)
• Trigger LED Current: 4 mA (max)
• On-State Current: 300 mA (max)
• On-State Resistance: 1.5 Ω (max), 1.0 Ω (typ.)
• Output Capacitance: 14 pF (max), 10 pF (typ.)
• Isolation Voltage: 1500 Vrms (min)
• UL-recognized: UL 1577, File No.E67349




Similar Part No. - TLP3215

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3215 TOSHIBA-TLP3215 Datasheet
183Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3215 TOSHIBA-TLP3215_08 Datasheet
183Kb / 7P
PHOTOCOUPLER PHOTO RELAY
More results


Similar Description - TLP3215

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3114 TOSHIBA-TLP3114 Datasheet
73Kb / 4P
Logic IC Testers/memory Testers Board Testers/Scanners
07-Jun-2001
TLP3113 TOSHIBA-TLP3113_07 Datasheet
176Kb / 6P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3114 TOSHIBA-TLP3114_07 Datasheet
176Kb / 6P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3216 TOSHIBA-TLP3216 Datasheet
249Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3230 TOSHIBA-TLP3230_07 Datasheet
249Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3231 TOSHIBA-TLP3231 Datasheet
247Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3240 TOSHIBA-TLP3240 Datasheet
266Kb / 7P
Logic IC Testers / Memory Testers
TLP3241 TOSHIBA-TLP3241 Datasheet
266Kb / 7P
Logic IC Testers / Memory Testers
TLP3250 TOSHIBA-TLP3250 Datasheet
266Kb / 7P
Logic IC Testers / Memory Testers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com