Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3250 Datasheet (PDF) - Toshiba Semiconductor

TLP3250 Datasheet PDF - Toshiba Semiconductor
Part # TLP3250
Download  TLP3250 Download
File Size   266.41 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Logic IC Testers / Memory Testers

TLP3250 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3250 Datasheet PDF - Toshiba Semiconductor

Part # TLP3250
Download  TLP3250 Click to download

File Size   266.41 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Logic IC Testers / Memory Testers

TLP3250 Datasheet (HTML) - Toshiba Semiconductor


TLP3250 Product details

Measurement Instruments
Logic IC Testers / Memory Testers
Board Testers / Scanners

The TOSHIBA TLP3250 is a super small-outline photorelay, suitable for surface-mount assembly. The TLP3250 consists of an infrared emitting diode optically coupled to a photo-MOS FET and housed in a 4-pin package.
Its characteristics also include low OFF-state current and low output pin capacitance, enabling it to be used in high-frequency measuring instruments.

Features
• 4 pin SSOP (SSOP4) : 1.8 mm high, 1.27 mm pitch
• 1-Form-A
• Peak off-state voltage : 20 V (min)
• Trigger LED current : 3 mA (max)
• On-state current : 200 mA (max)
• On-state resistance : 5Ω (max), 3Ω (typ.)
• Output capacitance : 1.1 pF (max), 0.8 pF (typ.)
• Isolation voltage : 1500 Vrms (min)
• UL-recognized : UL 1577, File No.E67349




Similar Part No. - TLP3250

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3250 TOSHIBA-TLP3250_14 Datasheet
281Kb / 7P
Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results


Similar Description - TLP3250

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3114 TOSHIBA-TLP3114 Datasheet
73Kb / 4P
Logic IC Testers/memory Testers Board Testers/Scanners
07-Jun-2001
TLP3113 TOSHIBA-TLP3113_07 Datasheet
176Kb / 6P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3114 TOSHIBA-TLP3114_07 Datasheet
176Kb / 6P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3215 TOSHIBA-TLP3215 Datasheet
248Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3216 TOSHIBA-TLP3216 Datasheet
249Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3230 TOSHIBA-TLP3230_07 Datasheet
249Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3231 TOSHIBA-TLP3231 Datasheet
247Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3240 TOSHIBA-TLP3240 Datasheet
266Kb / 7P
Logic IC Testers / Memory Testers
TLP3241 TOSHIBA-TLP3241 Datasheet
266Kb / 7P
Logic IC Testers / Memory Testers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com