Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP209D Datasheet (PDF) - Toshiba Semiconductor

TLP209D Datasheet PDF - Toshiba Semiconductor
Part # TLP209D
Download  TLP209D Download
File Size   130.36 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTO RELAY

TLP209D Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP209D Datasheet PDF - Toshiba Semiconductor

Part # TLP209D
Download  TLP209D Click to download

File Size   130.36 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTO RELAY

TLP209D Datasheet (HTML) - Toshiba Semiconductor


TLP209D Product details

MEASUREMENT INSTRUMENTS
LOGIC IC TESTERS / MEMORY TESTERS
BOARD TESTERS / SCANNERS

The TOSHIBA TLP209D consists of an infrared emitting diode optically coupled to a photo-MOSFET in a plastic SOP package.
Its characteristics include low OFF-state current and low output pin capacitance, enabling it to be used in high-frequency measurement instruments.

Features
• 8 pin SOP (2.54SOP8) : 2.1 mm high, 2.54 mm pitch
• 2-Form-A
• Peak Off-State Voltage : 200 V (min)
• Trigger LED Current : 3 mA (max)
• On-State Current : 50 mA (max)
• On-State Resistance : 50 Ω (max)
• Output Capacitance : 20 pF (max)
• Isolation Voltage : 1500 Vrms (min)
• UL-recognized : UL 1577, File No.E67349




Similar Part No. - TLP209D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
More results


Similar Description - TLP209D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP597G TOSHIBA-TLP597G Datasheet
174Kb / 3P
PHOTO RELAY
TLP599G TOSHIBA-TLP599G Datasheet
191Kb / 6P
PHOTOCOUPLER PHOTO RELAY
TLP227GA TOSHIBA-TLP227GA_07 Datasheet
189Kb / 6P
Photo Relay
TLP227G TOSHIBA-TLP227G_07 Datasheet
217Kb / 6P
Photo Relay
TLP597GA TOSHIBA-TLP597GA Datasheet
164Kb / 6P
Photo Relay
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
PHOTO RELAY
TLP3212 TOSHIBA-TLP3212 Datasheet
211Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3215 TOSHIBA-TLP3215_08 Datasheet
183Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3217 TOSHIBA-TLP3217 Datasheet
202Kb / 7P
PHOTOCOUPLER PHOTO RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com