Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3217 Datasheet (PDF) - Toshiba Semiconductor

TLP3217 Datasheet PDF - Toshiba Semiconductor
Part # TLP3217
Download  TLP3217 Download
File Size   202.78 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTOCOUPLER PHOTO RELAY

TLP3217 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3217 Datasheet PDF - Toshiba Semiconductor

Part # TLP3217
Download  TLP3217 Click to download

File Size   202.78 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTOCOUPLER PHOTO RELAY

TLP3217 Datasheet (HTML) - Toshiba Semiconductor


TLP3217 Product details

Measuring Instruments
Logic IC Testers / Memory Testers
Board Testers / Scanners

The TOSHIBA TLP3217 is an ultra-small photorelay suitable for surface mount assembly. The TLP3217 consists of an infrared emitting diode optically coupled to a photo-MOSFET and is housed in a 4-pin package.
The TLP3217 is suitable for applications that require low output capacitance and high isolation voltage, such as LCD testers.

Features
• 4-pin SSOP (SSOP4): 1.8 mm high, 1.27 mm pitch
• 1-Form-A
• Peak Off-State Voltage: 80 V (min)
• Trigger LED Current: 5 mA (max)
• On-State Current: 120 mA (max)
• On-State Resistance: 12 Ω (max), 7.5 Ω (typ.)
• Output Capacitance: 7.0 pF (max), 5.0 pF (typ.)
• Isolation Voltage: 1500 Vrms (min)
• UL-recognized: UL 1577, File No.E67349




Similar Part No. - TLP3217

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP321 TOSHIBA-TLP321 Datasheet
222Kb / 9P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
logo
ISOCOM COMPONENTS
TLP321 ISOCOM-TLP321 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
logo
ISOCOM COMPONENTS
TLP321-2 ISOCOM-TLP321-2 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
TLP321-3 ETC1-TLP321-3 Datasheet
86Kb / 2P
12PIN DIP 3-CHANNELS TYPE
More results


Similar Description - TLP3217

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP599G TOSHIBA-TLP599G Datasheet
191Kb / 6P
PHOTOCOUPLER PHOTO RELAY
TLP594G TOSHIBA-TLP594G Datasheet
136Kb / 4P
Photocoupler Photo Relay
TLP179D TOSHIBA-TLP179D Datasheet
125Kb / 4P
PHOTOCOUPLER PHOTO RELAY
TLP3203 TOSHIBA-TLP3203 Datasheet
205Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3212 TOSHIBA-TLP3212 Datasheet
211Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3214 TOSHIBA-TLP3214_08 Datasheet
183Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3215 TOSHIBA-TLP3215_08 Datasheet
183Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3216 TOSHIBA-TLP3216_08 Datasheet
184Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3230 TOSHIBA-TLP3230_08 Datasheet
185Kb / 7P
PHOTOCOUPLER PHOTO RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com