Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3203 Datasheet (PDF) - Toshiba Semiconductor

TLP3203 Datasheet PDF - Toshiba Semiconductor
Part # TLP3203
Download  TLP3203 Download
File Size   205.08 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTOCOUPLER PHOTO RELAY

TLP3203 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3203 Datasheet PDF - Toshiba Semiconductor

Part # TLP3203
Download  TLP3203 Click to download

File Size   205.08 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTOCOUPLER PHOTO RELAY

TLP3203 Datasheet (HTML) - Toshiba Semiconductor


TLP3203 Product details

Measuring Instruments

 Logic IC Testers / Memory Testers

 Board Testers / Scanners

Power Supply





The TOSHIBA TLP3203 is an ultra-small photorelay suitable forsurface-mount assembly. The TLP3203 consists of a GaAs infrared-emitting diode optically coupled to a photo-MOSFET and is

housed in a 4-pin package. The TLP3203 features low CR multiplication and extremely low On-state resistance, allowing high On-state current. Its features also include low Off-state current and low output pin capacitance, enabling it to be used for high-frequency measuring instrument applications.





Features

•  4-pin SSOP (SSOP4): 1.8-mm high, 1.27-mm pitch

•  1-Form-A

•  Peak Off-State Voltage: 20 V (min)

•  Trigger LED Current: 3 mA (max)

•  On-State Current: 0.9 A (max)

•  On-State Resistance: 0.22 Ω(max), 0.18 Ω(typ.)

•  Output Capacitance: 40 pF (typ.)

•  Isolation Voltage: 1500 Vrms (min)




Similar Part No. - TLP3203

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP320 TOSHIBA-TLP320 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
TLP320-2 TOSHIBA-TLP320-2 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP320-2 TOSHIBA-TLP320-2 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
logo
List of Unclassifed Man...
TLP320-3 ETC1-TLP320-3 Datasheet
86Kb / 2P
12PIN DIP 3-CHANNELS TYPE
More results


Similar Description - TLP3203

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP599G TOSHIBA-TLP599G Datasheet
191Kb / 6P
PHOTOCOUPLER PHOTO RELAY
TLP594G TOSHIBA-TLP594G Datasheet
136Kb / 4P
Photocoupler Photo Relay
TLP179D TOSHIBA-TLP179D Datasheet
125Kb / 4P
PHOTOCOUPLER PHOTO RELAY
TLP3212 TOSHIBA-TLP3212 Datasheet
211Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3214 TOSHIBA-TLP3214_08 Datasheet
183Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3215 TOSHIBA-TLP3215_08 Datasheet
183Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3216 TOSHIBA-TLP3216_08 Datasheet
184Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3217 TOSHIBA-TLP3217 Datasheet
202Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3230 TOSHIBA-TLP3230_08 Datasheet
185Kb / 7P
PHOTOCOUPLER PHOTO RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com