Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPT65R018CM8 Datasheet (PDF) - Infineon Technologies AG

IPT65R018CM8 Datasheet PDF - Infineon Technologies AG
Part # IPT65R018CM8
Download  IPT65R018CM8 Download
File Size   1338.65 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET 650V CoolMOS™ CM8 Power Transistor

IPT65R018CM8 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPT65R018CM8 Datasheet PDF - Infineon Technologies AG

Part # IPT65R018CM8
Download  IPT65R018CM8 Click to download

File Size   1338.65 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET 650V CoolMOS™ CM8 Power Transistor

IPT65R018CM8 Datasheet (HTML) - Infineon Technologies AG


IPT65R018CM8 Product details

Features
• Best in class 650V SJ MOSFET performance
• Suitable for hard and soft switching topologies thanks to an outstanding
commutation ruggedness
• Integrated fast body diode and ESD protection
• .XT interconnection technology for best in class thermal performance

Benefits
• Ease of use and fast design‑in through low ringing tendency and usage
across PFC and PWM stages
• Simplified thermal management due to our advanced die attach
technique
• Increased power density solutions enabled by using products with
smaller footprint and higher manufacturing quality due state of the art
ESD protection
• Suitable for a wide variety of applications and power ranges




Similar Part No. - IPT65R018CM8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT65R025CM8 INFINEON-IPT65R025CM8 Datasheet
1Mb / 16P
MOSFET 650V CoolMOS™ CM8 Power Transistor
Revision 2.0 2024-12-19
IPT65R033G7 INFINEON-IPT65R033G7 Datasheet
990Kb / 14P
650V CoolMOS짧 C7 Gold series (G7) Power Transistor
Rev.2.1,2016-03-14
IPT65R040CFD7 INFINEON-IPT65R040CFD7 Datasheet
1Mb / 14P
650V CoolMOSª CFD7 SJ Power Device
Rev. 2.1, 2022-08-04
IPT65R040CM8 INFINEON-IPT65R040CM8 Datasheet
1Mb / 16P
MOSFET 650V CoolMOS™ CM8 Power Transistor
Revision 2.0 2024-12-19
IPT65R060CFD7 INFINEON-IPT65R060CFD7 Datasheet
1Mb / 14P
650V CoolMOSª CFD7 SJ Power Device
Rev. 2.1, 2022-08-04
More results


Similar Description - IPT65R018CM8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R380C6 INFINEON-IPB65R380C6 Datasheet
2Mb / 19P
650V CoolMOS C6 Power Transistor
2010-10-22 revision:2.0
IPW65R080CFD INFINEON-IPW65R080CFD Datasheet
1Mb / 12P
650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-02
IPP65R045C7 INFINEON-IPP65R045C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPW65R019C7 INFINEON-IPW65R019C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.1
IPZ65R019C7 INFINEON-IPZ65R019C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0
IPS65R1K0CE INFINEON-IPS65R1K0CE Datasheet
1Mb / 15P
650V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPS65R1K5CE INFINEON-IPS65R1K5CE Datasheet
1Mb / 15P
650V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPL65R1K0C6S INFINEON-IPL65R1K0C6S Datasheet
1Mb / 14P
650V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPL65R1K5C6S INFINEON-IPL65R1K5C6S Datasheet
1Mb / 14P
650V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPL65R650C6S INFINEON-IPL65R650C6S Datasheet
1Mb / 14P
650V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com